Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA216 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments INA216 Datasheet HTML 12Page - Texas Instruments INA216 Datasheet HTML 13Page - Texas Instruments INA216 Datasheet HTML 14Page - Texas Instruments INA216 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
·
-
4.2V
V
|
|
CM
10
CMRR_dB
20
(
(
1
(VIO) + (VIO_CM)
2
2
· 100
VIO_Total
V
SENSE
(Error_VIO) + (Error_Gain) + (Error_Lin)
2
2
2
·
-
4.2V
V
|
|
CM
10
CMRR_dB
20
(
(
1
(VIO) + (VIO_CM)
2
2
· 100
VIO_Total
V
SENSE
(Error_VIO) + (Error_Gain) + (Error_Lin)
2
2
2
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
Example 1
Conditions: INA216A3; VCM = VS = 3.3V; VSENSE = 20mV
Table 1. Example 1
TERM
LABEL
EQUATION
TYPICAL
MAXIMUM
Maximum initial input
VIO
—
20mV
75mV
offset voltage
Added input offset
voltage as result of
VIO_CM
3.6mV
28mV
common-mode
voltage
Total input offset
VIO_Total
20mV
80mV
voltage
Error because of
Error_VIO
0.1%
0.4%
input offset voltage
Gain error
Error_Gain
—
0.06%
0.2%
Nonlinearity error
Error_Lin
—
0.01%
0.01%
Total error
0.12%
0.45%
Example 2
Conditions: INA216A1; VCM = VS = 5V; VSENSE = 160mV
Table 2. Example 2
TERM
LABEL
EQUATION
TYPICAL
MAXIMUM
Maximum initial input
VIO
—
30mV
100mV
offset voltage
Added input offset
voltage as result of
VIO_CM
3.1mV
25.2mV
common-mode
voltage
Total input offset
VIO_Total
30mV
100mV
voltage
Error because of
Error_VIO
0.02%
0.06%
input offset voltage
Gain error
Error_Gain
—
0.01%
0.2%
Nonlinearity error
Error_Lin
—
0.01%
0.01%
Total error
0.025%
0.21%
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com