Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 1 Page - Texas Instruments

  INA216 Datasheet HTML 1Page - Texas Instruments INA216 Datasheet HTML 2Page - Texas Instruments INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OUT
IN-
IN+
GND
Load
Supply:
+1.8V to +5.5V
Shunt
R
1
R
2
1.6MW
1.6MW
PRODUCT
R = R
1
2
INA216A1
INA216A2
INA216A3
INA216A4
64kW
32kW
16kW
8kW
GAIN
25
50
100
200
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
Small Size, Low-Power, Unidirectional,
CURRENT SHUNT MONITOR
Zerø-Drift Series
Check for Samples: INA216
1
FEATURES
DESCRIPTION
2
•
CHIP-SCALE PACKAGE
The INA216 is a high-side voltage output current
shunt monitor that can sense drops across shunts at
•
COMMON-MODE RANGE: +1.8V to +5.5V
common-mode voltages from +1.8V to +5.5V. Four
•
OFFSET VOLTAGE: ±30mV
fixed gains are available: 25V/V, 50V/V, 100V/V, and
•
GAIN ERROR: ±0.2% MAX
200V/V. The low offset of the Zerø-Drift architecture
•
CHOICE OF GAINS:
enables current sensing with maximum drops across
the shunt as low as 10mV full-scale, or with wide
–
INA216A1: 25V/V
dynamic ranges of over 1000:1.
–
INA216A2: 50V/V
These devices operate from a single +1.8V to +5.5V
–
INA216A3: 100V/V
power supply, drawing a maximum of 25mA of supply
–
INA216A4: 200V/V
current. The INA216 series are specified over the
•
QUIESCENT CURRENT: 13mA
temperature range of –40°C to +125°C, and offered
in a chip-scale package.
•
BUFFERED VOLTAGE OUTPUT: No Additional
Op Amp Needed
APPLICATIONS
•
NOTEBOOK COMPUTERS
•
CELL PHONES
•
TELECOM EQUIPMENT
•
POWER MANAGEMENT
•
BATTERY CHARGERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216 TI1-INA216 Datasheet
994Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
INA216 TI2-INA216 Datasheet
591Kb / 24P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series
REVISED NOVEMBER 2011
INA216 TI2-INA216 Datasheet
595Kb / 24P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series
REVISED NOVEMBER 2011
INA216A1 TI-INA216A1 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
More results

Similar Description - INA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA216 TI1-INA216_16 Datasheet
994Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com