Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 27Page - Texas Instruments MSP430F2002IPW Datasheet HTML 28Page - Texas Instruments MSP430F2002IPW Datasheet HTML 29Page - Texas Instruments MSP430F2002IPW Datasheet HTML 30Page - Texas Instruments MSP430F2002IPW Datasheet HTML 31Page - Texas Instruments MSP430F2002IPW Datasheet HTML 32Page - Texas Instruments MSP430F2002IPW Datasheet HTML 33Page - Texas Instruments MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments MSP430F2002IPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
Calibrated DCO Frequencies - Tolerance Over Supply Voltage VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1-MHz tolerance over VCC
25
°C
1.8 V to 3.6 V
-3
±2
+3
%
8-MHz tolerance over VCC
25
°C
1.8 V to 3.6 V
-3
±2
+3
%
12-MHz tolerance over VCC
25
°C
2.2 V to 3.6 V
-3
±2
+3
%
16-MHz tolerance over VCC
25
°C
3 V to 3.6 V
-6
±2
+3
%
BCSCTL1 = CALBC1_1MHZ,
fCAL(1MHz)
1-MHz calibration value
DCOCTL = CALDCO_1MHZ,
25
°C
1.8 V to 3.6 V
0.97
1
1.03
MHz
Gating time: 5 ms
BCSCTL1 = CALBC1_8MHZ,
fCAL(8MHz)
8-MHz calibration value
DCOCTL = CALDCO_8MHZ,
25
°C
1.8 V to 3.6 V
7.76
8
8.24
MHz
Gating time: 5 ms
BCSCTL1 = CALBC1_12MHZ,
fCAL(12MHz)
12-MHz calibration value
DCOCTL = CALDCO_12MHZ,
25
°C
2.2 V to 3.6 V
11.64
12
12.36
MHz
Gating time: 5 ms
BCSCTL1 = CALBC1_16MHZ,
fCAL(16MHz)
16-MHz calibration value
DCOCTL = CALDCO_16MHZ,
25
°C
3 V to 3.6 V
15
16
16.48
MHz
Gating time: 2 ms
Calibrated DCO Frequencies - Overall Tolerance
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1-MHz tolerance
I: -40
°C to 85°C
1.8 V to 3.6 V
-5
±2
+5
%
overall
T: -40
°C to 105°C
8-MHz tolerance
I: -40
°C to 85°C
1.8 V to 3.6 V
-5
±2
+5
%
overall
T: -40
°C to 105°C
12-MHz
I: -40
°C to 85°C
2.2 V to 3.6 V
-5
±2
+5
%
tolerance overall
T: -40
°C to 105°C
16-MHz
I: -40
°C to 85°C
3 V to 3.6 V
-6
±3
+6
%
tolerance overall
T: -40
°C to 105°C
BCSCTL1 = CALBC1_1MHZ,
1-MHz
I: -40
°C to 85°C
fCAL(1MHz)
DCOCTL = CALDCO_1MHZ,
1.8 V to 3.6 V
0.95
1
1.05
MHz
calibration value
T: -40
°C to 105°C
Gating time: 5 ms
BCSCTL1 = CALBC1_8MHZ,
8-MHz
I: -40
°C to 85°C
fCAL(8MHz)
DCOCTL = CALDCO_8MHZ,
1.8 V to 3.6 V
7.6
8
8.4
MHz
calibration value
T: -40
°C to 105°C
Gating time: 5 ms
BCSCTL1 = CALBC1_12MHZ,
12-MHz
I: -40
°C to 85°C
fCAL(12MHz)
DCOCTL = CALDCO_12MHZ,
2.2 V to 3.6 V
11.4
12
12.6
MHz
calibration value
T: -40
°C to 105°C
Gating time: 5 ms
BCSCTL1 = CALBC1_16MHZ,
16-MHz
I: -40
°C to 85°C
fCAL(16MHz)
DCOCTL = CALDCO_16MHZ,
3 V to 3.6 V
15
16
17
MHz
calibration value
T: -40
°C to 105°C
Gating time: 2 ms
Copyright
© 2005–2011, Texas Instruments Incorporated
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com