Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 38Page - Texas Instruments MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments MSP430F2002IPW Datasheet HTML 41Page - Texas Instruments MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments MSP430F2002IPW Datasheet HTML 43Page - Texas Instruments MSP430F2002IPW Datasheet HTML 44Page - Texas Instruments MSP430F2002IPW Datasheet HTML 45Page - Texas Instruments MSP430F2002IPW Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
10-Bit ADC, Linearity Parameters (MSP430F20x2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
EI
Integral linearity error
2.2 V/3 V
±1
LSB
ED
Differential linearity error
2.2 V/3 V
±1
LSB
EO
Offset error
Source impedance RS < 100 Ω
2.2 V/3 V
±1
LSB
EG
Gain error
2.2 V/3 V
±1.1
±2
LSB
ET
Total unadjusted error
2.2 V/3 V
±2
±5
LSB
10-Bit ADC, Temperature Sensor and Built-In VMID (MSP430F20x2)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
40
120
Temperature sensor supply
REFON = 0, INCHx = 0Ah,
ISENSOR
µA
current(1)
TA = 25°C
3 V
60
160
TCSENSOR
ADC10ON = 1, INCHx = 0Ah(2)
2.2 V/3 V
3.44
3.55
3.66 mV/
°C
VOffset,Sensor
Sensor offset voltage
ADC10ON = 1, INCHx = 0Ah(2)
-100
100
mV
Temperature sensor voltage at
1265
1365
1465
TA = 105°C (T version only)
Temperature sensor voltage at
1195
1295
1395
TA = 85°C
VSENSOR
Sensor output voltage(3)
2.2 V/3 V
mV
Temperature sensor voltage at
985
1085
1185
TA = 25°C
Temperature sensor voltage at
895
995
1095
TA = 0°C
Sample time required if
ADC10ON = 1, INCHx = 0Ah,
tSENSOR(sample)
2.2 V/3 V
30
µs
channel 10 is selected(4)
Error of conversion result
≤ 1 LSB
2.2 V
N/A
Current into divider at
IVMID
ADC10ON = 1, INCHx = 0Bh
µA
channel 11(4)
3 V
N/A
2.2 V
1.06
1.1
1.14
ADC10ON = 1, INCHx = 0Bh,
VMID
VCC divider at channel 11
V
VMID ≈ 0.5 × VCC
3 V
1.46
1.5
1.54
2.2 V
1400
Sample time required if
ADC10ON = 1, INCHx = 0Bh,
tVMID(sample)
ns
channel 11 is selected(5)
Error of conversion result
≤ 1 LSB
3 V
1220
(1)
The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1), or (ADC10ON = 1 and INCH = 0Ah and sample signal is
high).When REFON = 1, ISENSOR is included in IREF+.When REFON = 0, ISENSOR applies during conversion of the temperature sensor
input (INCH = 0Ah).
(2)
The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ = TCSensor T [°C] + VSensor(TA = 0°C) [mV]
(3)
Results based on characterization and/or production test, not TCSensor or VOffset,sensor.
(4)
No additional current is needed. The VMID is used during sampling.
(5)
The on time, tVMID(on), is included in the sampling time, tVMID(sample); no additional on time is needed.
42
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com