Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPW Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 32Page - Texas Instruments MSP430F2002IPW Datasheet HTML 33Page - Texas Instruments MSP430F2002IPW Datasheet HTML 34Page - Texas Instruments MSP430F2002IPW Datasheet HTML 35Page - Texas Instruments MSP430F2002IPW Datasheet HTML 36Page - Texas Instruments MSP430F2002IPW Datasheet HTML 37Page - Texas Instruments MSP430F2002IPW Datasheet HTML 38Page - Texas Instruments MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
Comparator_A+ (MSP430F20x1)
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
25
40
I(DD)
CAON = 1, CARSEL = 0, CAREF = 0
μA
3 V
45
60
2.2 V
30
50
CAON = 1, CARSEL = 0, CAREF = 1/2/3,
I(Refladder/RefDiode)
μA
No load at P1.0/CA0 and P1.1/CA1
3 V
45
71
Common-mode input voltage
VIC
CAON = 1
2.2 V/3 V
0
VCC - 1
V
range
Voltage at 0.25 VCC node /
PCA0 = 1, CARSEL = 1, CAREF = 1,
V(Ref025)
2.2 V/3 V
0.23
0.24
0.25
VCC
No load at P1.0/CA0 and P1.1/CA1
Voltage at 0.5 VCC node /
PCA0 = 1, CARSEL = 1, CAREF = 2,
V(Ref050)
2.2 V/3 V
0.47
0.48
0.5
VCC
No load at P1.0/CA0 and P1.1/CA1
PCA0 = 1, CARSEL = 1, CAREF = 3,
2.2 V
390
480
540
V(RefVT)
See Figure 20 and Figure 21
No load at P1.0/CA0 and P1.1/CA1,
mV
3 V
400
490
550
TA = 85°C
Vp - VS
Offset voltage(2)
2.2 V/3 V
-30
30
mV
Vhys
Input hysteresis
CAON = 1
2.2 V/3 V
0
0.7
1.4
mV
TA = 25°C, Overdrive 10 mV,
2.2 V
80
165
300
Without filter: CAF = 0(3)
ns
3 V
70
120
240
(see Figure 16 and Figure 17)
Response time
t(response)
(low-high and high-low)
TA = 25°C, Overdrive 10 mV,
2.2 V
1.4
1.9
2.8
With filter: CAF = 1(3)
μs
3 V
0.9
1.5
2.2
(see Figure 16 and Figure 17)
(1)
The leakage current for the Comparator_A+ terminals is identical to Ilkg(Px.y) specification.
(2)
The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A+ inputs on successive measurements. The
two successive measurements are then summed together.
(3)
Response time measured at P1.3/CAOUT
36
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com