Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F423IPM Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 26Page - Texas Instruments MSP430F423IPM Datasheet HTML 27Page - Texas Instruments MSP430F423IPM Datasheet HTML 28Page - Texas Instruments MSP430F423IPM Datasheet HTML 29Page - Texas Instruments MSP430F423IPM Datasheet HTML 30Page - Texas Instruments MSP430F423IPM Datasheet HTML 31Page - Texas Instruments MSP430F423IPM Datasheet HTML 32Page - Texas Instruments MSP430F423IPM Datasheet HTML 33Page - Texas Instruments MSP430F423IPM Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
MSP430F42x
MIXED SIGNAL MICROCONTROLLER
SLAS421A − APRIL 2004 − REVISED JUNE 2007
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SD16, built-in voltage reference
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF
Internal reference
voltage
SD16REFON = 1, SD16VMIDON = 0
3 V
1.14
1.20
1.26
V
IREF
Reference supply
current
SD16REFON = 1, SD16VMIDON = 0
3 V
175
260
μA
TC
Temperature
coefficient
SD16REFON = 1, SD16VMIDON = 0
3 V
20
50
ppm/K
CREF
VREF load
capacitance
SD16REFON = 1, SD16VMIDON = 0 (see Note 1)
100
nF
ILOAD
VREF maximum load
current
SD16REFON = 0
3 V
±200
nA
tON
Turn-on time
SD16REFON = 0
→ 1, SD16VMIDON = 0, CREF = 100 nF
3 V
5
ms
DC PSR
DC power supply
rejection,
ΔVREF/ΔVCC
SD16REFON = 1, SD16VMIDON = 0, VCC = 2.5 V to 3.6 V
200
μV/V
NOTES:
1. There is no capacitance required on VREF. However, a capacitance of at least 100nF is recommended to reduce any reference
voltage noise.
SD16, built-in reference output buffer
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF,BUF
Reference buffer
output voltage
SD16REFON = 1, SD16VMIDON = 1
3 V
1.2
V
IREF,BUF
Reference Supply +
Reference output
buffer quiescent
current
SD16REFON = 1, SD16VMIDON = 1
3 V
385
600
μA
CREF(O)
Required load
capacitance on
VREF
SD16REFON = 1, SD16VMIDON = 1
470
nF
ILOAD,Max
Maximum load
current on VREF
SD16REFON = 1, SD16VMIDON = 1
3 V
±1
mA
Maximum voltage
variation vs. load
current
|ILOAD| = 0 to 1mA
3 V
−15
+15
mV
tON
Turn-on time
SD16REFON = 0
→ 1, SD16VMIDON = 1, CREF = 470 nF
3 V
100
μs
SD16, external reference input
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF(I)
Input voltage range
SD16REFON = 0
3 V
1.0
1.25
1.5
V
IREF(I)
Input current
SD16REFON = 0
3 V
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com