Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F423IPM Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 35Page - Texas Instruments MSP430F423IPM Datasheet HTML 36Page - Texas Instruments MSP430F423IPM Datasheet HTML 37Page - Texas Instruments MSP430F423IPM Datasheet HTML 38Page - Texas Instruments MSP430F423IPM Datasheet HTML 39Page - Texas Instruments MSP430F423IPM Datasheet HTML 40Page - Texas Instruments MSP430F423IPM Datasheet HTML 41Page - Texas Instruments MSP430F423IPM Datasheet HTML 42Page - Texas Instruments MSP430F423IPM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
MSP430F42x
MIXED SIGNAL MICROCONTROLLER
SLAS421A − APRIL 2004 − REVISED JUNE 2007
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Data Sheet Revision History
Literature
Number
Summary
SLAS421
Production datasheet release
SLAS421A
Updated functional block diagram (page 3)
Clarified test conditions in recommended operating conditions table (page 17)
Changed “Supply voltage during program execution; SD16 disabled, SVS enabled, and PORON = 1” MIN value from 2.2 V
to 2.0 V (page 17)
Clarified test conditions for I(LPM0) in supply current into AVCC + DVCC table (page 18)
Clarified test conditions in USART0 table (page 21)
Changed PSRR to AC PSRR in SD16 analog performance table (page 29)
Added DC PSR in SD16, built-in voltage reference table (page 30)
Added tON parameter to SD16, built-in voltage reference and SD16, built-in reference output buffer tables (page 30)
Changed tCPT maximum value from 4 ms to 10 ms in Flash memory table (page 31)
NOTE: Page and figure numbers refer to the respective document revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com