Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F423IPM Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F423IPM Datasheet HTML 1Page - Texas Instruments MSP430F423IPM Datasheet HTML 2Page - Texas Instruments MSP430F423IPM Datasheet HTML 3Page - Texas Instruments MSP430F423IPM Datasheet HTML 4Page - Texas Instruments MSP430F423IPM Datasheet HTML 5Page - Texas Instruments MSP430F423IPM Datasheet HTML 6Page - Texas Instruments MSP430F423IPM Datasheet HTML 7Page - Texas Instruments MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
MSP430F42x
MIXED SIGNAL MICROCONTROLLER
SLAS421A − APRIL 2004 − REVISED JUNE 2007
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430F42x Terminal Functions (Continued)
TERMINAL
PN
I/O
DESCRIPTION
NAME
NO.
R13
41
I
Input port of third most positive analog LCD level (V4 or V3)
R23
42
I
Input port of second most positive analog LCD level (V2)
R33
43
O
Output port of most positive analog LCD level (V1)
P2.1/UCLK0/S24
44
I/O
General-purpose digital I/O / external clock input-USART0/UART or SPI mode, clock output—USART0/SPI
mode / LCD segment output 24 (See Note 1)
P2.0/TA2/S25
45
I/O
General-purpose digital I/O / Timer_A Capture: CCI2A input, Compare: Out2 output / LCD segment output
25 (See Note 1)
P1.7/SOMI0/S26
46
I/O
General-purpose digital I/O / slave out/master in of USART0/SPI mode / LCD segment output 26
(See Note 1)
P1.6/SIMO0/S27
47
I/O
General-purpose digital I/O / slave in/master out of USART0/SPI mode / LCD segment output 27
(See Note 1)
P1.5/TACLK/
ACLK/S28
48
I/O
General-purpose digital I/O / Timer_A and SD16 clock signal TACLK input / ACLK output (divided by 1,
2, 4, or 8) / LCD segment output 28 (See Note 1)
P1.4/S29
49
I/O
General-purpose digital I/O / LCD segment output 29 (See Note 1)
P1.3/SVSOUT/
S30
50
I/O
General-purpose digital I/O / SVS: output of SVS comparator / LCD segment output 30 (See Note 1)
P1.2/TA1/S31
51
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A, CCI1B input, Compare: Out1 output / LCD segment
output 31 (See Note 1)
P1.1/TA0/MCLK
52
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0B input / MCLK output.
Note: TA0 is only an input on this pin / BSL receive
P1.0/TA0
53
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0A input, Compare: Out0 output / BSL transmit
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal.
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
TCK
57
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
58
I
Reset input or nonmaskable interrupt input port
P2.5/URXD0
59
I/O
General-purpose digital I/O / receive data in—USART0/UART mode
P2.4/UTXD0
60
I/O
General-purpose digital I/O / transmit data out—USART0/UART mode
P2.3/SVSIN
61
I/O
General-purpose digital I/O / Analog input to brownout, supply voltage supervisor
AVSS
62
Analog supply voltage, negative terminal. Supplies SD16, SVS, brownout, oscillator, and LCD resistive
divider circuitry.
DVSS
63
Digital supply voltage, negative terminal
AVCC
64
Analog supply voltage, positive terminal. Supplies SD16, SVS, brownout, oscillator, and LCD resistive
divider circuitry; must not power up prior to DVCC.
NOTE 1: LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com