Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423AIPM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423AIPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F423AIPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F423AIPM Datasheet HTML 6Page - Texas Instruments MSP430F423AIPM Datasheet HTML 7Page - Texas Instruments MSP430F423AIPM Datasheet HTML 8Page - Texas Instruments MSP430F423AIPM Datasheet HTML 9Page - Texas Instruments MSP430F423AIPM Datasheet HTML 10Page - Texas Instruments MSP430F423AIPM Datasheet HTML 11Page - Texas Instruments MSP430F423AIPM Datasheet HTML 12Page - Texas Instruments MSP430F423AIPM Datasheet HTML 13Page - Texas Instruments MSP430F423AIPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
MSP430F42xA
MIXED SIGNAL MICROCONTROLLER
SLAS587 -- FEBRUARY 2008
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
module enable registers 1 and 2
76
54
0
UTXE0
32
1
rw–0
rw–0
Address
04h
URXE0
USPIE0
URXE0:
USART0: UART mode receive enable
UTXE0:
USART0: UART mode transmit enable
USPIE0:
USART0: SPI mode transmit and receive enable
765
4
0
321
Address
05h
Legend: rw--0,1:
Bit can be read and written. It Is reset or set by PUC.
rw--(0,1):
Bit can be read and written. It Is reset or set by POR.
SFR Bit Not Present in Device.
memory organization
MSP430F423A
MSP430F425A
MSP430F427A
Memory
Interrupt vector
Code memory
Size
Flash
Flash
8KB
0FFFFh to 0FFE0h
0FFFFh to 0E000h
16KB
0FFFFh to 0FFE0h
0FFFFh to 0C000h
32KB
0FFFFh to 0FFE0h
0FFFFh to 08000h
Information memory
Size
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
Boot memory
Size
1kB
0FFFh to 0C00h
1kB
0FFFh to 0C00h
1kB
0FFFh to 0C00h
RAM
Size
256 Byte
02FFh to 0200h
512 Byte
03FFh to 0200h
1KB
05FFh to 0200h
Peripherals
16 bit
8bit
8-bit SFR
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the application report Features of the MSP430
Bootstrap Loader, literature number SLAA089.
BSL FUNCTION
PM PACKAGE PINS
Data transmit
53 - P1.0
Data receive
52 - P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com