Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4793IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4793IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4793IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F4793IPZ Datasheet HTML 35Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 36Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 37Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 38Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 39Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 40Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 41Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 42Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 1 MHz
6
td(LPM3)
Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
μs
td(LPM3)
Delay time
f = 3 MHz
VCC = 2.2 V/3 V
6
μs
LCD_A
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(LCD)
Supply voltage range
Charge pump enabled
(LCDCPEN = 1, VLCDx > 0000)
2.2
3.6
V
CLCD
Capacitor on LCDCAP
(see Note 1)
Charge pump enabled
(LCDCPEN = 1, VLCDx > 0000)
4.7
μF
ICC(LCD)
Supply current
VLCD(typ) = 3V, LCDCPEN = 1, VLCDx = 1000,
All segments on, fLCD = fACLK/32,
No LCD connected (see Note 2), TA = 25°C
2.2 V
3.8
μA
fLCD
LCD frequency
1.1
kHz
VLCDx = 0000
VCC
VLCDx = 0001
2.60
VLCDx = 0010
2.66
VLCDx = 0011
2.72
VLCDx = 0100
2.78
VLCDx = 0101
2.84
VLCDx = 0110
2.90
V
LCD voltage
VLCDx = 0111
2.96
V
VLCD
LCD voltage
VLCDx = 1000
3.02
V
VLCDx = 1001
3.08
VLCDx = 1010
3.14
VLCDx = 1011
3.20
VLCDx = 1100
3.26
VLCDx = 1101
3.32
VLCDx = 1110
3.38
VLCDx = 1111
3.44
3.60
RLCD
LCD driver output
impedance
VLCD = 3V, LCDCPEN = 1,
VLCDx = 1000, ILOAD = ±10μA
2.2 V
10
k
Ω
NOTES:
1. Enabling the internal charge pump with an external capacitor smaller than the minimum specified might damage the device.
2. Connecting an actual display will increase the current consumption depending on the size of the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com