Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4793IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4793IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4793IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F4793IPZ Datasheet HTML 17Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 18Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 19Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 20Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 21Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 22Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 23Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 24Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map (continued)
PERIPHERALS WITH BYTE ACCESS (CONTINUED)
USCI_B1
USCI_B1 transmit buffer
USCI_B1 receive buffer
USCI_B1 status
USCI_B1 I2C interrupt enable
USCI_B1 bit rate control 1
USCI_B1 bit rate control 0
USCI_B1 control 1
USCI_B1 control 0
USCI_A1 interrupt flag
USCI_A1 interrupt enable
UCB1TXBUF
UCB1RXBUF
UCB1STAT
UCB1I2CIE
UCB1BR1
UCB1BR0
UCB1CTL1
UCB1CTL0
UC1IFG
UC1IE
0DFh
0DEh
0DDh
0DCh
0DBh
0DAh
0D9h
0D8h
007h
006h
Comparator_A
Comparator_A port disable
CAPD
05Bh
p
_
Comparator_A control2
CACTL2
05Ah
Comparator_A control1
CACTL1
059h
BrownOUT, SVS
SVS control register (reset by brownout signal)
SVSCTL
056h
FLL+ Clock
FLL+ control 2
FLL_CTL2
055h
FLL+ control 1
FLL_CTL1
054h
FLL+ control 0
FLL_CTL0
053h
System clock frequency control
SCFQCTL
052h
System clock frequency integrator
SCFI1
051h
System clock frequency integrator
SCFI0
050h
Basic Timer1
BT counter 2
BT counter 1
BT control
BTCNT2
BTCNT1
BTCTL
047h
046h
040h
Port P10
Port P10 resistor enable
P10REN
017h
Port P10 selection
P10SEL
00Fh
Port P10 direction
P10DIR
00Dh
Port P10 output
P10OUT
00Bh
Port P10 input
P10IN
009h
Port P9
Port P9 resistor enable
P9REN
016h
Port P9 selection
P9SEL
00Eh
Port P9 direction
P9DIR
00Ch
Port P9 output
P9OUT
00Ah
Port P9 input
P9IN
008h
Port P8
Port P8 resistor enable
P8REN
015h
Port P8 selection
P8SEL
03Fh
Port P8 direction
P8DIR
03Dh
Port P8 output
P8OUT
03Bh
Port P8 input
P8IN
039h
Port P7
Port P7 resistor enable
P7REN
014h
Port P7 selection
P7SEL
03Eh
Port P7 direction
P7DIR
03Ch
Port P7 output
P7OUT
03Ah
Port P7 input
P7IN
038h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com