Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4793IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4793IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4793IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F4793IPZ Datasheet HTML 9Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 10Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 11Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 12Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 13Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 14Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4793IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory organization
MSP430F4783/MSP430F4784
MSP430F4793/MSP430F4794
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
48KB
0FFFFh to 0FFE0h
0FFFFh to 04000h
60KB
0FFFFh to 0FFE0h
0FFFFh to 01100h
Information memory
Size
Flash
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
Boot memory
Size
ROM
1KB
0FFFh to 0C00h
1KB
0FFFh to 0C00h
RAM
Size
2KB
09FFh to 0200h
2.5KB
0BFFh to 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
bootstrap loader (BSL)
The BSL enables users to program the flash memory or RAM using a UART serial interface. Access to device
memory via the BSL is protected by user-defined password. For complete description of the features of the BSL
and its implementation, see the application report Features of the MSP430 Bootstrap Loader, literature number
SLAA089.
BSL FUNCTION
PZ PACKAGE PINS
Data transmit
87 - P1.0
Data receive
86 - P1.1
flash memory, flash
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and four segments of information memory (A to D) of 64
bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A to D can be erased individually, or as a group with segments 0 to n.
Segments A to D are also called information memory.
D Segment A might contain calibration data. After reset, segment A is protected against programming or
erasing. It can be unlocked but care should be taken not to erase this segment if the calibration data is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com