Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1157 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1157
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1157 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1157 Datasheet HTML 1Page - Semtech Corporation SC1157 Datasheet HTML 2Page - Semtech Corporation SC1157 Datasheet HTML 3Page - Semtech Corporation SC1157 Datasheet HTML 4Page - Semtech Corporation SC1157 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SC1157
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 7, 2000
1
Pentium is a registered trademark of Intel Corporation
BLOCK DIAGRAM
PIN CONFIGURATION
Top View
(16-Pin SOIC)
DESCRIPTION
The SC1157 is a low-cost, full featured, synchronous
voltage-mode controller designed for use in single
ended power supply applications where efficiency is of
primary concern. Synchronous operation allows for the
elimination of heat sinks in many applications. The
SC1157 is ideal for implementing DC/DC converters
needed to power advanced microprocessors such as
Pentium
® ll (Klamath), in both single and multiple pro-
cessor configurations. Internal level-shift, high-side
drive circuitry, and preset shoot-thru control, allows for
use of inexpensive n-channel power switches.
SC1157 features include an integrated 4-bit V
ID DAC,
temperature compensated voltage reference, triangle
wave oscillator, current limit comparator, frequency
shift over-current protection, and an internally compen-
sated error amplifier.
The SC1157 operates at a fixed 140KHz, providing an
optimum compromise between efficiency, external
component size, and cost.
FEATURES
•= Low cost / full featured
•= Synchronous operation
•= 4 Bit V
ID DAC programmable output
(1% tolerance)
•= Designed to meet Intel VRM8.2 (Pentium® II)
•= 1.5% Reference
APPLICATIONS
•= Pentium® II Core Supply
•= Multiple Microprocessor Supplies
•= Voltage Regulator Modules (VRM)
•= Programmable Power Supplies
•= High Efficiency DC/DC Conversion
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
(2)
TEMP. RANGE (T
J)
SC1157CS.TR
SO-16NB
0 - 125°C
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) “NB” indicates 150 MIL body.
R
S
Q
+
-
70mV
+
-
+
-
ERROR
AMP
D/A
SHOOT-THRU
CONTROL
VCC
CS-
BSTH
DH
SHUTDOWN
CS+
BSTL
DL
PGND
VOSENSE
REF
VID2
VID1
VID0
GND
REF
CURRENT
LIMIT
LEVEL SHIFT AND
HIGH SIDE DRIVE
SYNCHRONOUS
MOSFET DRIVE
OSCILLATOR
VID3


Similar Part No. - SC1157

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SC115 CAMPBELL-SC115 Datasheet
432Kb / 2P
CS I/O 2 GB Flash Memory Drive with USB Interface
12/17/2019
logo
Semtech Corporation
SC1150 SEMTECH-SC1150 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER
SC1150CS SEMTECH-SC1150CS Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1151CS SEMTECH-SC1151CS Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
More results

Similar Description - SC1157

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1152 SEMTECH-SC1152 Datasheet
77Kb / 7P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1153 SEMTECH-SC1153 Datasheet
78Kb / 7P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1154 SEMTECH-SC1154 Datasheet
164Kb / 18P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
High Performance Programmable Synchronous DC-DC Controller
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com