Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1157 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1157
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1157 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1157 Datasheet HTML 1Page - Semtech Corporation SC1157 Datasheet HTML 2Page - Semtech Corporation SC1157 Datasheet HTML 3Page - Semtech Corporation SC1157 Datasheet HTML 4Page - Semtech Corporation SC1157 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SC1157
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 7, 2000
4
NOTE:
(1) All VID codes not specifically listed are invalid and cause shutdown exactly as if the shutdown pin had been
asserted.
THEORY OF OPERATION
The voltage at the VOSENSE pin is applied, through the internal precision resistor feedback chain, to the inverting
input of the error amplifier. The non-inverting input of the error amplifier is supplied with a DC voltage derived by
the DAC from the internal trimmed bandgap voltage reference. The output of the error amplifier is compared to the
triangular output of the internal oscillator to generate a fixed frequency, variable duty cycle pulse train. The internal
oscillator uses an on-chip capacitor and precision trimmed current sources to set the frequency to 100 kHz.
The generated pulse train is gated with the output of the current limit latch and the inhibit signal to produce a drive
signal for the upper FET. It is also inverted to produce a drive signal for the lower FET. These FET drive signals
are modified by the “shoot-through control” circuitry so that the top FET turn-on is delayed until the bottom FET has
turned off, and visa-versa.
The current limit latch is set (ending the upper FET drive pulse early) if the current limit comparator indicates an
overcurrent condition. The latch is reset at the start of each oscillator period.
OUTPUT VOLTAGE TABLE
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; FB = VO; 0mV < (CS(+) - CS(-)) < 60mV;
T
J = 0°C to 85°C
PARAMETER
CONDITIONS
VID
3210
MIN
TYP
MAX
UNITS
Output Voltage
(1)
I
O = 2A in Application Circuit
1111
1.287
1.300
1.313
V
(Figure 1)
1110
1.337
1.350
1.364
1101
1.386
1.400
1.414
1100
1.436
1.450
1.465
1011
1.485
1.500
1.515
1010
1.535
1.550
1.566
1001
1.584
1.600
1.616
1000
1.634
1.650
1.667
0111
1.683
1.700
1.717
0110
1.733
1.750
1.768
0101
1.782
1.800
1.818
0100
1.832
1.850
1.869
0011
1.881
1.900
1.919
0010
1.931
1.950
1.970
0001
1.980
2.000
2.020
0000
2.030
2.050
2.070



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com