Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1157 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1157
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1157 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1157 Datasheet HTML 1Page - Semtech Corporation SC1157 Datasheet HTML 2Page - Semtech Corporation SC1157 Datasheet HTML 3Page - Semtech Corporation SC1157 Datasheet HTML 4Page - Semtech Corporation SC1157 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SC1157
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 7, 2000
3
PIN CONFIGURATION
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
GND
Small Signal Analog and Digital Ground
2
REF
Buffered Reference output
3V
CC
Chip Supply Voltage
4
CS(-)
Current Sense Input (negative)
5
CS(+)
Current Sense Input (positive)
6
PGND
Power Ground for High and Low Side Drivers
7
DH
High Side Driver Output
8
DL
Low Side Driver Output
9
BSTL
Vcc for Low Side Driver (Boost)
10
BSTH
Vcc for High Side Driver (Boost)
11
SHUTDOWN
Logic Low shuts down the converter; High or open for normal operation.
12
VOSENSE
Top end of internal feedback chain
13
VID3
(1)
Programming Input (MSB)
14
VID2
(1)
Programming Input
15
VID1
(1)
Programming Input
16
VID0
(1)
Programming Input (LSB)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com