Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1401 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1401
Description  HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1401 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1401 Datasheet HTML 1Page - Semtech Corporation SC1401 Datasheet HTML 2Page - Semtech Corporation SC1401 Datasheet HTML 3Page - Semtech Corporation SC1401 Datasheet HTML 4Page - Semtech Corporation SC1401 Datasheet HTML 5Page - Semtech Corporation SC1401 Datasheet HTML 6Page - Semtech Corporation SC1401 Datasheet HTML 7Page - Semtech Corporation SC1401 Datasheet HTML 8Page - Semtech Corporation SC1401 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC1401
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK
CONTROLLER WITH LDO FOR PORTABLE
POWER
November 21, 2000
5
ELECTRICAL CHARACTERISTICS (continued)
Unless specified: VDD1 = 12V, VDD2 = 12V V5V = 5V, SHDN = PSAVE = 5V, TA = -40 °C to +85 °C. Typical values are at TA = +25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FAULT DETECTION
Thermal Shutdown Threshold
Typical hysteresis = +10°V
150
°C
VDD1 Undervoltage Reset
Threshold
Falling edge of VDD1, hysteresis = 1%
4.2
4.5
4.8
V
V5V Undervoltage Reset
Threshold
Falling edge of V5V, hysteresis = 1%
3.75
4.0
4.25
V
FB Overvoltage Reset
Threshold
With respect to unloaded output voltage, typ.
Hysteresis = 1%
10
%
FB Undervoltage Reset
Threshold
With respect to unloaded output voltage, typ.
Hysteresis = 1%
-10
%
RESET Propagation Delay
FB Over/Under Voltage condition
1.5
µs
IOS Undervoltage Reset
Threshold
With respect to unloaded linear output voltage
-10
%
RESET Delay Time
With respect to fOSC
27,000 32,000 37,000
clks
Logic Input High
SHDN,ENABLEIO
1.8
Logic Input Low
PSAVE,SYNC
1.6
V
Input Leakage Current
SHDN,ENABLEIO, PSAVE, SYNC
-1.0
1.0
µA
Logic Output Low Voltage
RESET, ISINK = 4mA
0.4
V
LOGICAL INPUTS AND OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com