Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1401 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1401
Description  HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1401 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1401 Datasheet HTML 1Page - Semtech Corporation SC1401 Datasheet HTML 2Page - Semtech Corporation SC1401 Datasheet HTML 3Page - Semtech Corporation SC1401 Datasheet HTML 4Page - Semtech Corporation SC1401 Datasheet HTML 5Page - Semtech Corporation SC1401 Datasheet HTML 6Page - Semtech Corporation SC1401 Datasheet HTML 7Page - Semtech Corporation SC1401 Datasheet HTML 8Page - Semtech Corporation SC1401 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC1401
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK
CONTROLLER WITH LDO FOR PORTABLE
POWER
November 21, 2000
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MAXIMUM
UNITS
VDD1 to GND
-0.3 to +36
V
PGND to GND
- 0.3 to 0.3
V
V5V, FB, CSH, CSL, IOS to GND
-0.3 to +6
V
SYNC, SHDN, PSAVE, ENABLEIO to GND
-0.3 to +6
V
BST to GND
-0.3 to +36
V
BST to PHASE
-0.3 to 6
V
VDD2 to GND
-0.3 to +36
V
GATEIO to GND
9
V
Junction operating temperature (TJ)
-40 to +125
°C
Thermal resistance junction to ambient (
θJA)
50
°C/W
Storage temperature
-65 to +150
°C
Lead soldering temperature
+300, 10 seconds
°C
ELECTRICAL CHARACTERISTICS
Unless specified: VDD1 = 12V, VDD2 = 12V V5V = 5V,
SHDN = PSAVE = 5V, TA = -40 °C to +85 °C . Typical values are at TA = +25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SMPS CONTROLLER
VDD1 Input Voltage Range
6.0
30.0
V
VOUT SMPS
VREF
5.5
V
Internal BandGap Voltage, VREF
Measured at the Feedback pin
1.225
1.250
1.275
V
Load Regulation
0mV < CSH - CSL < 100mV
2
%
Line Regulation
6V < VDD1 < 30V
0.03
%/V
Overcurrent-Limit Threshold
CSH - CSL
100
130
160
mV
PSAVE Mode Threshold
CSH - CSL, PSAVE = 0 V
30
mV
Soft-Start Ramp Time
From enable to 95% full current limit with
respect to fOSC
512
clks
Oscillator Frequency
SYNC = V5V
SYNC = 0V
265
165
300
200
335
235
kHz
Maximum Duty Factor
85
90
87
93
%
SYNC = V5V
SYNC = 0V
Note 1: This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com