Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1401 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1401
Description  HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1401 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1401 Datasheet HTML 2Page - Semtech Corporation SC1401 Datasheet HTML 3Page - Semtech Corporation SC1401 Datasheet HTML 4Page - Semtech Corporation SC1401 Datasheet HTML 5Page - Semtech Corporation SC1401 Datasheet HTML 6Page - Semtech Corporation SC1401 Datasheet HTML 7Page - Semtech Corporation SC1401 Datasheet HTML 8Page - Semtech Corporation SC1401 Datasheet HTML 9Page - Semtech Corporation SC1401 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SC1401
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK
CONTROLLER WITH LDO FOR PORTABLE
POWER
November 21, 2000
6
LOAD REGULATION, Vo = 2.2V (SMPS), Vin = 12V
2.215
2.220
2.225
2.230
2.235
2.240
2.245
2.250
0.5
1.0
2.0
3.0
4.0
5.0
6.0
7.0
LOAD CURRENT (A)
LINE REGULATION (SMPS)
Io = 7.0A, Vo = 2.2V
2.21
2.22
2.23
2.24
2.25
2.26
2.27
6.0
9.0
12.0
15.0
18.0
21.0
24.0
27.0
30.0
INPUT VOLTAGE (V)
EFFICIENCY vs LOAD CURRENT
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
0.1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
LOAD CURRENT (A)
VIN = 6V
VIN = 10V
VIN = 14V
VIN = 18V
VIN = 22V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com