Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1406G Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1406G
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G Datasheet(HTML) 1 Page - Semtech Corporation

  SC1406G Datasheet HTML 1Page - Semtech Corporation SC1406G Datasheet HTML 2Page - Semtech Corporation SC1406G Datasheet HTML 3Page - Semtech Corporation SC1406G Datasheet HTML 4Page - Semtech Corporation SC1406G Datasheet HTML 5Page - Semtech Corporation SC1406G Datasheet HTML 6Page - Semtech Corporation SC1406G Datasheet HTML 7Page - Semtech Corporation SC1406G Datasheet HTML 8Page - Semtech Corporation SC1406G Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC1406G
Power Supply Controller for Portable
Pentium ® II & III SpeedStep™ Processors
SC1406G
Power Supply Controller for Portable
Pentium ® II & III SpeedStep™ Processors
Description
Features
Conceptual Application Circuit
Applications
Revision 8/3/2000
The SC1406G PowerStep™ controller is a High Speed,
High Performance Hysteretic Mode PWM controller.
Teamed with the SC1405 Smart™ Driver, it powers ad-
vanced Pentium® II and Pentium® III processors. The
SC1406G features Intel Mobile Voltage Positioning
(IMVP), which increases battery life by reducing the volt-
age at the processor when it is heavily loaded. It also
directly supports Intel’s SpeedStep™ processors for even
longer battery life.
A 5-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the 0.925V to 2.00V range
of the mobile Pentium® specifications. The hysteretic
converter uses a comparator without an error amplifier,
and therefore provides the fastest possible transient
response, while avoiding the stability issues inherent to
classical PWM controllers.
Two linear regulator controllers, coupled with appropri-
ate external transistors, produce tightly regulated 1.5V
and 2.5V to complete the processor power solution.
The SC1406G also features separate soft-start con-
trols for the converter and the regulators, a TTL-
compatible power good indication, logic enable, and
low battery undervoltage lockout. Programmable
current limiting uses a separate comparator to protect
against overloads and short-circuits.
u High-speed hysteretic controller provides high effi
ciency over a wide operating load range
u Inherently stable
u Complete CPU power solution with two LDO drivers
u Programmable core voltage for Pentium® II & III pro
cessors
u Native Speed Step® support
u Laptop and notebook computers
u High performance microprocessor-based systems
u High efficiency distributed power supplies
SC1406G
IMVP
CONTROLLER
SC1406G
IMVP
CONTROLLER
VID [4:0]
VID [4:0]
SC1405
Smart
MOSFET
Driver
SC1405
Smart
MOSFET
Driver
Lo
+VCC_CPU_CORE
+VCC_CPU_CORE
Co
3.3V
+VCC_CPU_IO
+VCC_CPU_IO
+VCC_CPU_CLK
+VCC_CPU_CLK
1.5V
2.5A
2.5V
150mA
+V_IN
+V_5
3.3V
0.925V-2.0V
Up to 14A
LDO
Controller
LDO
Controller
PWM
Controller
SC1406G
IMVP
CONTROLLER
SC1406G
IMVP
CONTROLLER
VID [4:0]
VID [4:0]
SC1405
Smart
MOSFET
Driver
SC1405
Smart
MOSFET
Driver
Lo
+VCC_CPU_CORE
+VCC_CPU_CORE
Co
3.3V
+VCC_CPU_IO
+VCC_CPU_IO
+VCC_CPU_CLK
+VCC_CPU_CLK
1.5V
2.5A
2.5V
150mA
+V_IN
+V_5
3.3V
0.925V-2.0V
Up to 14A
LDO
Controller
LDO
Controller
PWM
Controller


Similar Part No. - SC1406G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406ACTS SEMTECH-SC1406ACTS Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406TS SEMTECH-SC1406TS Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
More results

Similar Description - SC1406G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
logo
AAEON Technology
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
Intel Pentium III or Celeron Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com