Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1406G Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1406G
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G Datasheet(HTML) 3 Page - Semtech Corporation

  SC1406G Datasheet HTML 1Page - Semtech Corporation SC1406G Datasheet HTML 2Page - Semtech Corporation SC1406G Datasheet HTML 3Page - Semtech Corporation SC1406G Datasheet HTML 4Page - Semtech Corporation SC1406G Datasheet HTML 5Page - Semtech Corporation SC1406G Datasheet HTML 6Page - Semtech Corporation SC1406G Datasheet HTML 7Page - Semtech Corporation SC1406G Datasheet HTML 8Page - Semtech Corporation SC1406G Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Electrical Characteristics Continued
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
t
n
e
rr
u
C
t
r
a
t
S
tf
o
S
r
e
t
r
e
v
n
o
C
e
r
o
C
t
n
e
rr
u
C
t
r
a
t
S
-t
f
o
S
r
e
t
r
e
v
n
o
C
e
r
o
CI
E
R
O
C
S
S
t
n
e
rr
u
c
)
e
c
r
u
o
S
(
e
g
r
a
h
C6
.
01
5
4
.
1A
µ
t
n
e
rr
u
c
)
k
n
i
S
(
e
g
r
a
h
c
s
i
D0
3
.
01
A
m
n
o
it
a
n
i
m
r
e
T
t
r
a
t
S
-t
f
o
S
E
R
O
C
S
S
V
0
9
.
10
0
.
20
1
.
2V
d
l
o
h
s
e
r
h
T
e
g
r
a
h
c
s
i
D
E
R
O
C
S
S
V
0
5
10
0
4V
m
C
A
D
D
I
V
d
l
o
h
s
e
r
h
T
h
g
i
H
t
u
p
n
I
D
I
V
V
6
.
3
<
C
C
V
<
V
0
.
3c
V
*
7
.
0V
d
l
o
h
s
e
r
h
T
w
o
L
t
u
p
n
I
D
I
V
8
.
0
)
4
-
0
(
D
I
V
,t
n
e
rr
u
C
p
U
-l
l
u
P
t
u
p
n
I
D
I
V
1
1
1
1
1
..
.
0
0
0
0
0
=
)
4
-
0
(
D
I
V6
0
4A
µ
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
OI
C
A
D
1
1
1
1
1
..
.
0
0
0
0
0
=
)
4
-
0
(
D
I
V
,
0
=5
8
.
0
-5
8
.
0
+%
*
e
m
i
T
g
n
il
tt
e
SC
C
A
D
F
p
0
0
0
1
=
m
o
rf
E
R
O
C
V
e
g
n
a
h
c
o
t
t
e
s
s
i
D
I
V
5
3s
µ
)
O
C
,
S
Y
H
,
F
E
R
P
M
C
,
P
M
C
(
r
o
t
a
r
a
p
m
o
C
E
R
O
C
t
n
e
rr
u
C
s
a
i
B
t
u
p
n
IV
P
M
C
V
=
F
E
R
P
M
C
V
3
.
1
=2
±A
µ
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
IV
F
E
R
P
M
C
V
3
.
1
=5
.
1
±3
±V
m
t
n
e
rr
u
C
g
n
it
t
e
S
s
i
s
e
r
e
t
s
y
HI
F
E
R
P
M
C
R
S
Y
H
n
e
p
o
=2
±
A
µ
R
S
Y
H
k
0
7
1
=
W
7
±0
1
±3
1
±
R
S
Y
H
k
7
1
=
W
5
8
±0
0
1
±5
1
1
±
h
g
i
H
e
g
a
tl
o
V
t
u
p
t
u
O
n
i
k
0
0
1
=
e
c
n
a
d
e
p
m
I
d
a
o
L
V
0
.
3
=
C
C
V
,
F
p
0
1
h
ti
w
l
e
ll
a
r
a
p
5
.
2V
w
o
L
e
g
a
tl
o
V
t
u
p
t
u
O
n
i
k
0
0
1
=
e
c
n
a
d
e
p
m
I
d
a
o
L
V
6
.
3
=
C
C
V
,
F
p
0
1
h
ti
w
l
e
ll
a
r
a
p
4
.
0V
*
*
e
m
i
T
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
e
h
t
m
o
rf
,
s
n
i
p
e
c
i
v
e
d
t
a
d
e
r
u
s
a
e
M
.
n
o
it
i
s
n
a
rt
O
C
f
o
%
0
5
o
t
t
n
i
o
p
p
ir
t
V
F
E
R
P
M
C
V
m
0
4
±
=
P
M
C
V
D
,
V
3
.
1
=
)
e
v
ir
d
r
e
v
o
V
m
0
2
±
(
T
A
C
°
5
2
=
T
A
e
g
n
a
r
ll
u
f
=
0
2
0
3
s
n
*
*
s
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O
%
0
7
d
n
a
%
0
3
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
n
o
it
i
s
n
a
rt
O
C
f
o
s
t
n
i
o
p
T
R
C
O
C
F
p
0
1
=
V
C
C
V
0
.
3
=
R
O
C
K
0
0
1
=
70
1s
n
Unless specified: -0 < T
A < 100°C; VCC = 3.3V (See test circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com