Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1406G Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1406G
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G Datasheet(HTML) 4 Page - Semtech Corporation

  SC1406G Datasheet HTML 1Page - Semtech Corporation SC1406G Datasheet HTML 2Page - Semtech Corporation SC1406G Datasheet HTML 3Page - Semtech Corporation SC1406G Datasheet HTML 4Page - Semtech Corporation SC1406G Datasheet HTML 5Page - Semtech Corporation SC1406G Datasheet HTML 6Page - Semtech Corporation SC1406G Datasheet HTML 7Page - Semtech Corporation SC1406G Datasheet HTML 8Page - Semtech Corporation SC1406G Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Electrical Characteristics Continued
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
)
T
E
S
L
C
,
F
E
R
L
C
,
L
C
(
r
o
t
a
r
a
p
m
o
C
ti
m
i
L
t
n
e
rr
u
C
t
n
e
rr
u
C
s
a
i
B
t
u
p
n
I
V
L
C
V
3
.
1
=5
A
µ
t
n
e
rr
u
C
g
n
it
t
e
S
ti
m
i
L
t
n
e
rr
u
CI
|
F
E
R
L
C
|R
T
E
S
L
C
n
e
p
o
=V
F
E
R
L
C
-
V
L
C =
V
m
0
1
5
.
7
A
µ
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
-
0
.
5
R
T
E
S
L
C
k
0
7
1
=
W
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
5
.
9
10
35
.
0
4
A
µ
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
-
3
10
27
2
R
T
E
S
L
C
k
5
.
2
4
=
W
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
5
.
0
0
10
2
15
.
9
3
1
A
µ
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
-
7
60
83
9
R
T
E
S
L
C
k
0
2
=
W
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
2
2
25
5
28
8
2
A
µ
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
-
8
4
10
7
12
9
1
R
T
E
S
L
C
k
7
1
=
W
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
5
.
2
6
20
0
35
.
7
3
3
A
µ
V
F
E
R
L
C
-
V
L
C =
V
m
0
1
-
5
7
10
0
25
2
2
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
IV
L
C
V
-
F
E
R
L
C
V
F
E
R
L
C
V
3
.
1
=4
±6
±V
m
*
*
e
m
i
T
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
m
o
rf
,
s
n
i
p
e
c
i
v
e
d
e
h
t
t
a
d
e
r
u
s
a
e
M
O
C
f
o
%
0
5
o
t
t
n
i
o
p
p
ir
t
e
h
t
n
o
it
i
s
n
a
rt
V
F
E
R
L
C
,
V
3
.
1
=
D
V
m
0
5
±
=
P
M
C
V
)
e
v
ir
d
r
e
v
o
V
m
0
2
±
(
T
A
C
°
5
2
=
0
0
1
0
5
1
s
n
Unless specified: -0 < T
A < 100°C; VCC = 3.3V (See test circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com