Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1532 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 7 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
7
TYPICAL CHARACTERISTICS (Cont.)
Transient Load Response
(1)
Trace 1: VO, offset 3.3V, 50mV/div.
Trace 2: I
O stepping from 0mA to 400mA
NOTES:
(1) In Application Circuit on page 2.
APPLICATIONS INFORMATION
Introduction
The SC1532 is intended for applications such as power
managed PCI and network interface cards (NICs),
where operation from a 3.3V VAUX supply may be re-
quired when the 5V supply has been shut down. It pro-
vides a simple, low cost solution that uses very little
pcb real estate. During regular operation, 3.3V power
for the PCI card is provided by the SC1532’s on-board
low dropout regulator, generated from the 5V supply.
When the 5V supply is removed and 3.3V VAUX is
available, the SC1532 connects this supply directly to
its output using an internal NMOS pass device.
Component Selection
Output capacitors - Semtech recommends a 4.7µF or
greater ceramic capacitor at the output for the best
combination of performance and cost effectiveness.
Increasing the capacitance value improves transient
response and glitch performance. The SC1532 is very
tolerant of output capacitor value and ESR variations,
in fact any combination of capacitors with C
≥ 1µF and
ESR < 1
Ω is sufficient for stability. This target is easily
met using surface mount ceramic or tantalum capaci-
tors.
Input capacitors - Semtech recommends the use of a
4.7µF ceramic capacitor at both inputs. This allows for
the device being some distance from any bulk capaci-
tance on the rail. Additionally, input droop due to load
transients is reduced, improving load transient re-
sponse and aiding smooth supply transitions. Tanta-
lum capacitors should not be used.
Charge pump capacitor - Semtech recommends the
use of a 1nF ceramic capacitor between CP and GND.
Thermal Considerations
When operating from the 5V supply, the power dissipa-
tion in the SC1532 is approximately equal to the prod-
uct of the output current and the input to output voltage
differential:
The absolute worst-case dissipation is given by:
Note that the VIN2
(MAX) x IQ2(MAX) term does not apply if
VIN2 is not supplied.
()
O
D
I
VO
1
VIN
P
•
−
≈
()
)
MAX
(
2
Q
)
MAX
(
)
MAX
(
1
Q
)
MAX
(
)
MAX
(
O
)
MIN
(
)
MAX
(
)
MAX
(
D
I
2
VIN
I
1
VIN
I
VO
1
VIN
P
•
+
•
+
•
−
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com