Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1532 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
Intended for applications such as Power Managed PCI,
the SC1532 is designed to maintain a glitch-free 3.3V
output when at least one of two inputs, 5V (VIN1) and
3.3V (VIN2), is present.
The SC1532 combines a 5V to 3.3V linear regulator
with an integral 3.3V bypass switch, along with logic
and detection circuitry to control which supply provides
the power for the output.
Whenever VIN1 exceeds a predetermined threshold
value, the internal 3.3V PMOS linear regulator is en-
abled, and the internal pass NMOS is turned off.
When VIN1 falls below a lower threshold value, the
NMOS pass device is turned on and the PMOS linear
regulator is turned off. This ensures an uninterrupted
3.3V output even if VIN1 falls out of specification.
When both supplies are simultaneously available, the
PMOS linear regulator will be turned on, and the
NMOS pass will be turned off, thus preferentially sup-
plying the output from the 5V supply.
The internal 5V detector has its upper threshold (for
VIN1 rising) set to 4.18V (typical) while the lower
threshold (for VIN falling) is at 4.1V (typical) giving a
hysteresis of approximately 80mV.
The SC1532 is available in the popular SO-8 surface
mount package.
FEATURES
• Glitch-free transition between input sources
• Internal logic selects input source
• 5V detector with hysteresis
• 1% regulated output voltage accuracy
• 400mA load current capability
APPLICATIONS
• Desktop Computers
• Network Interface Cards (NICs)
• PCMCIA/PCI Interface Cards
• Peripheral Cards
ORDERING INFORMATION
Part Number
(1)
Package
SC1532CS
SO-8
Note:
(1) Add suffix ‘TR’ for tape and reel packaging.
TYPICAL APPLICATION CIRCUIT
3.3VAUX IN
5V IN
3.3V OUT
U1
SC1532
1
2
3
4
5
6
7
8
VIN2
VIN1
VO
CP
GND
GND
GND
GND
C4
1nF
C1
4.7uF
C2
4.7uF
C3
4.7uF
NOTES:
(1) Ceramic capacitors are recommended - see Applications Information for further details.
(2) Output capacitor C3 needs to be 1.0uF or greater for stability. Additional capacitance (tantalum or ceramic) will
improve overall performance.


Similar Part No. - SC1532

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1531 SEMTECH-SC1531 Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531A SEMTECH-SC1531A Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531ACSTR SEMTECH-SC1531ACSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531CSTR SEMTECH-SC1531CSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
logo
Littelfuse
SC1533-01FTG LITTELFUSE-SC1533-01FTG Datasheet
613Kb / 5P
Bidirectional 3.3V, 15A, SOD323, General purpose ESD Protection
2022 Littelfuse, Inc.
More results

Similar Description - SC1532

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1534 SEMTECH-SC1534 Datasheet
94Kb / 7P
400mA SmartLDOTM
SC1537 SEMTECH-SC1537 Datasheet
95Kb / 7P
700mA SmartLDOTM
SC1545 SEMTECH-SC1545 Datasheet
83Kb / 8P
500mA SmartLDOTM With Power Up Signal Sequencing
logo
Linear Technology
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
224Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
ON Semiconductor
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Micrel Semiconductor
MIC33030 MICREL-MIC33030 Datasheet
723Kb / 18P
8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load
logo
Taiwan Semiconductor Co...
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
AC/DC WLED Driver with Internal MOSFET
logo
Linear Technology
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
Micrel Semiconductor
MIC33030 MICREL-MIC33030 Datasheet
723Kb / 18P
8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load?
logo
Rohm
BSS138BKAHZG ROHM-BSS138BKAHZG Datasheet
5Mb / 14P
Nch 60V 400mA Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com