Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1532 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
3
NOTES:
(1) Guaranteed by design.
(2) Recommended source impedance for 5V supply:
≤ 0.125Ω. This will ensure clean transitions between supplies
with no “chattering” (see Applications Information).
(3) Refer to block diagram.
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified, T
A = 25°C, VIN1 = 5V, VIN2 = 3.3V, IO = 400mA, CIN1 = 4.7uF, CIN2 = 4.7uF, CO = 4.7uF, Cp=1nF.
Values in bold apply over full operating temperature range.
Parameter
Symbol
Test Conditions
MIN
TYP MAX Units
VO
LDO Voltage Accuracy
VO
I
O = 20mA
-1
+1
%
4.3V
≤ VIN1 ≤ 5.5V, 0mA ≤ I
O ≤ 400mA
(1)
-2
+2
3.90V
≤ VIN1 ≤ 4.3V, VIN2 = 3.3V,
0mA
≤ I
O ≤ 400mA
(1)
3.000
V
VIN2 Pass Device On Resis-
R
DS(ON)
VIN1 < 3.9V, 0mA
≤ I
O ≤ 400mA
360
500
m
Ω
tance (Aux. NMOS)
(1)(3)
Line Regulation
REG
(LINE)
VIN1 = 4.3V to 5.5V
0.3
0.6
%
0.7
Load Regulation
REG
(LOAD)
I
O = 20mA to 400mA
0.3
0.6
%
0.7
Current Limit (LDO)
Output Current
I
LIM
VIN1 = 5V, VIN2 = 0V, VO = 0V
600
975
1200
mA
1400
Over Temperature Protection
High Trip Level
T
HI
VIN1=5V
175
ºC
Hysteresis
T
HYS
VIN1=5V
10
ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com