| Electronic Components Datasheet Search |
|
BA4584RF Datasheet(PDF) 36 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4584RF Datasheet(HTML) 36 Page - Rohm |
|
36 / 49 page ![]() Technical Note 36/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data BA15532 family (*)The above data is ability value of sample, it is not guaranteed 0 20 40 60 80 10 100 1000 10000 FREQUENCY [Hz] 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0 2 4 6 8 10 12 ±2 ±6 ±10 ±14 ±18 ±22 SUPPLY VOLTAGE [V] 50 75 100 125 150 175 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Slew Rate - Supply Voltage (CL=100[pF],RL=2[kΩ],Ta=25[℃]) Common Mode Rejection Ratio - Ambient Temperature (VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V]) BA15532 family Power Supply Rejection Ratio -30 -20 -10 0 10 20 30 ±0 ±4 ±8 ±12 ±16 ±20 ±24 SUPPLY VOLTAGE [V] 75℃ -20℃ 25℃ BA15532 family 0 5 10 15 20 25 30 1 10 100 1000 FREQUENCY [Hz] BA15532 family -5 -4 -3 -2 -1 0 1 2 3 4 5 024 68 COMMON MODE INPUT VOLTAGE [V] BA15532 family 75℃ 25℃ -20℃ Voltage Gain - Frequency (VCC/VEE=+15[V]/-15[V],Av=40[dB],RL=2[kΩ],Ta=25[℃]) BA15532 family BA15532 family BA15532 family BA15532 family -30 -20 -10 0 10 20 30 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA15532 family ±3V ±20V ±15V 0 10 20 30 40 50 60 1.E+00 1.E+02 1.E+04 1.E+06 1.E+08 FREQUENCY [Hz] -180 -150 -120 -90 -60 -30 0 GAIN PHASE BA15532 family Fig. 255 Fig. 256 Fig. 257 Fig. 258 Fig. 259 Fig. 260 Fig. 261 Fig. 262 Fig. 263 Fig. 264 0.0001 0.001 0.01 0.1 1 0.1 1 10 OUTPUT VOLTAGE [Vrms] 20kHz 1kHz 20Hz Input Offset Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) Input Offset Current - Supply Voltage (Vicm=0[V], Vout=0[V]) Input Offset Voltage - Common Mode Input Voltage (VCC=8[V], Vout=4[V]) Equivalent Input Noise Voltage - Frequency (VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃]) Equivalent Input Noise Voltage - Frequency (VCC/VEE=+15[V]/-15[V],Av=20[dB], RL=600[Ω],80[kHz]-LPF,Ta=25[℃]) Maximum Output Voltage Swing - Frequency (VCC/VEE=+15[V]/-15[V],RL=600[Ω],Ta=25[℃]) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |