| Electronic Components Datasheet Search |
|
BA4584RF Datasheet(PDF) 43 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4584RF Datasheet(HTML) 43 Page - Rohm |
|
43 / 49 page ![]() Technical Note 43/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Derating curve Power dissipation (total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature).IC is heated when it consumed power, and the temperature of IC ship becomes higher than ambient temperature. The temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited. Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature) and thermal resistance of package (heat dissipation capability). The maximum junction temperature is typically equal to the maximum value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead frame of the package. The parameter which indicates this heat dissipation capability (hardness of heat release) is called thermal resistance, represented by the symbol θj-a[℃/W]. The temperature of IC inside the package can be estimated by this thermal resistance. Fig.319 (a) shows the model of thermal resistance of the package. Thermal resistance θja, ambient temperature Ta, junction temperature Tj, and power dissipation Pd can be calculated by the equation below: θja = (Tj-Ta) / Pd [℃/W] ・・・・・ (Ⅰ) Derating curve in Fig.319 (b) indicates power that can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal resistance θja. Thermal resistance θja depends on chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value measured at a specified condition. Fig.320(c), ~, (f) show a derating curve for an example of BA4558, BA4558R, BA4560, BA4560R, BA4564R, BA4580R, BA4584, BA4584R, BA8522R, BA15218, BA14741, BA15532, BA4510, BA2115. (*37) (*38) (*39) (*40) (*41) (*42) (*43) (*44) Unit 6.2 5.5 4.7 7.0 5.3 6.2 5.5 4.9 [mW/℃] When using the unit above Ta=25[℃], subtract the value above per degree[℃]. Permissible dissipation is the value. When FR4 glass epoxy board 70[mm]×70[mm]×1.6[mm] (cooper foil area below 3[%]) is mounted. Fig. 320 Derating curve 0 200 400 600 800 1000 0 25 50 75 100 125 周囲温度 Ta [℃] 0 200 400 600 800 1000 0 25 50 75 100 125 周囲温度 Ta [℃] 0 200 400 600 800 1000 0 25 50 75 100 125 周囲温度 Ta [℃] 0 200 400 600 800 1000 0 25 50 75 100 125 周囲温度 Ta [℃] (a) Thermal resistance (b) Derating curve Fig. 319 Thermal resistance and derating curve (c)BA4558R/BA4560R/BA4580R/BA8522R/BA2115 family (d)BA4564R/BA4584/BA4584R family (e)BA4558/BA4560/BA15218/BA15532/BA4510 family (f)BA14741F 550mW (*43) 620mW (*42) 490mW (*44) 870mW (*40) 610mW (*41) BA4558F BA4560F BA15218F BA4510F BA15532F BA4510F 780mW (*37) 690mW (*38) 590mW (*39) BA4558RF BA4564RF BA4580RF BA8522RF BA2115F BA4558RFVM BA4564RFVM BA4580RFVM BA8522RFVM BA2115FVM BA4558RFV BA4564RFV BA8522RFV BA4564RFV BA4584RFV BA4584RF BA4584FV BA14741F 050 75 100 125 150 25 P1 P2 Pd (max) LSIの消費電力 [W] θ' ja2 θ' ja1 Tj ' (max) θja2 < θja1 周囲温度 Ta [℃ ] θ ja2 θ ja1 Tj (max) 周囲温度 Ta [℃] チップ 表面温度 Tj [℃] 消費電力 P [W] θja = ( Tj ーTa ) / Pd [℃/W] Ambient temperature Ta [℃] Chip surface temperature Tj [℃] Power dissipation P [W] Power dissipation of LSI [W] Ambient temperature Ta [℃] Ambient Temperature Ta [℃] Ambient temperature Ta [℃] Ambient Temperature Ta [℃] Ambient temperature Ta [℃] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |