| Electronic Components Datasheet Search |
|
BA4584RF Datasheet(PDF) 40 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4584RF Datasheet(HTML) 40 Page - Rohm |
|
40 / 49 page ![]() Technical Note 40/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. 0 1 2 3 4 5 6 7 ±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE[V] 0 10 20 30 40 50 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 FREQUENCY [Hz] -180 -150 -120 -90 -60 -30 0 Gain Phase ● Reference Data BA2115 family (*)The above data is ability value of sample, it is not guaranteed. -20 -15 -10 -5 0 5 10 15 20 -2.5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5 COMMON MODE INPUT VOLTAGE [V] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] 0 10 20 30 40 1 100 10000 FREQUENCY [Hz] -40 -30 -20 -10 0 10 20 30 40 ±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE [V] 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 ±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8 SUPPLY VOLTAGE [V] 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Input Offset Voltage - Common Mode Input Voltage (VCC/VEE=+2.5[V]/-2.5[V], Vout=0[V]) 0.001 0.01 0.1 1 0.01 0.1 1 10 OUTPUT VOLTAGE [Vrms] -40℃ 25℃ 85℃ BA2115 family Input Offset Current - Supply Voltage (Vicm=0[V], Vout=0[V]) 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA2115 family BA2115 family -40℃ 25℃ 85℃ -40 -30 -20 -10 0 10 20 30 40 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] Input Offset Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) BA2115 family ±1.5V ±2.5V ±7.0V BA2115 family Total Harmonic Distortion - Output Voltage (VCC/VEE=2.5[V]/-2.5[V], RL=3[kΩ] 80[kHz]-LPF,Ta=25[℃]) BA2115 family BA2115 family Slew Rate H-L - Supply Voltage -40℃ 25℃ 85℃ Slew Rate L-H - Supply Voltage BA2115 family -40℃ 25℃ 85℃ 20kHz 1kHz 20Hz BA2115 family Voltage Gain - Frequency (VCC/VEE=2.5[V]/-2.5[V], Av=40[dB], RL=10[kΩ]) Equivalent Input Noise Voltage - Frequency (VCC/VEE=2.5[V]/-2.5[V]) BA2115 family BA2115 family Fig. 300 Fig. 301 Fig. 302 Fig. 303 Fig. 304 Fig. 305 Fig. 306 Fig. 307 Fig. 308 Fig. 309 Fig. 310 Large Signal Voltage Gain - Ambient Temperature (VCC/VEE=+2.5[V]/-2.5[V]) Common Mode Rejection Ratio - Ambient Temperature (VCC/VEE=+2.5[V]/-2.5[V]) Power Supply Rejection Ratio - Ambient Temperature (VCC/VEE=+2.5[V]/-2.5[V]) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |