Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM6938 Datasheet(PDF) 2 Page - Rohm

Part # RPM6938
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6938 Datasheet(HTML) 2 Page - Rohm

  RPM6938 Datasheet HTML 1Page - Rohm RPM6938 Datasheet HTML 2Page - Rohm RPM6938 Datasheet HTML 3Page - Rohm RPM6938 Datasheet HTML 4Page - Rohm RPM6938 Datasheet HTML 5Page - Rohm RPM6938 Datasheet HTML 6Page - Rohm RPM6938 Datasheet HTML 7Page - Rohm RPM6938 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RPM6900 series
Photo Link Module
2/7
Block diagram
PD
22k
Ω
AMP
Built-in electric-magnetic shield
Comparator
VCC
VCC
GND
ROUT
I / V
amplitude
control
ajustment
circuit
BPF
Detecter
Terminal description
Pin name
Pin No.
Function
1
ROUT
OUTPUT TERMINAL
GROUND
POWER SUPPLY
2
3
GND
VCC
Electrical, Optical characteristics (Unless otherwise noted, Ta = 25
°C VCC=5V)
∗1 600/600µs burst wave is transmitted by standard transmitter. However, it must be measured after the initial transmission pulse is 10 pulse.
∗2 It is an angle when the linear arrival distance become 80%.
∗3 RPM6933 33.3kHz
RPM6938 37.8kHz
RPM6936 36.0kHz
RPM6940 40.0kHz
RPM6937 36.7kHz
RPM6957 56.9kHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Consumption Current
ICC
VH
L
VL
TON
TOFF
fo
1.5
mA
No outside light, No signal input
Outer light condition Ee
< 10 (Ix)
Isink 400
µA
Effective Distance
High Level Output Voltage
Low Level Output Voltage
ON Pulse Width
OFF Pulse Width
Center frequency
Vertical half angle
16
−
−
600
2.0
m
−
V
−
V
µs
0.5
800
Horizontal half angle
θ 80%
θ 80%
600
∗3
∗1
∗1
∗1
Outer light condition Ee
< 10 (Ix) ∗1
Outer light condition Ee
< 10 (Ix) ∗1
∗2
∗2
−
10
400
4.5
−
400
−
−
−
30
35
µs
800
kHz
−
−
deg
deg
−
=<
Measurement Conditions
(1) Transmit signal
600
µs
600
µs
Fig.1 Transmit signal
Carrier frequency=fo, Duty=50%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com