Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM6938 Datasheet(PDF) 1 Page - Rohm

Part # RPM6938
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6938 Datasheet(HTML) 1 Page - Rohm

  RPM6938 Datasheet HTML 1Page - Rohm RPM6938 Datasheet HTML 2Page - Rohm RPM6938 Datasheet HTML 3Page - Rohm RPM6938 Datasheet HTML 4Page - Rohm RPM6938 Datasheet HTML 5Page - Rohm RPM6938 Datasheet HTML 6Page - Rohm RPM6938 Datasheet HTML 7Page - Rohm RPM6938 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RPM6900 series
Photo Link Module
1/7
IR Receiver Module
RPM6900 series
RPM6900 series are remote control receiver modules. Small-sized and light-weight modules have been achieved by
using resin mold.
Applications
All household electric appliances such as TV, DVD, air conditioner and audio equipment.
Features
1) Good EMI noise shielding characteristics.
2) Excellent sun light noise shielding performance.
3) Built-in electric-magnetic shield no requiring shield-casing.
RPM6900 series list
L forming
RSIP-A3 V4
4.8mm
33.0
36.0
36.7
37.9
40.0
56.9
RPM6933
RPM6936
RPM6937
RPM6938
RPM6940
RPM6957
RPM6933-V4
RPM6936-V4
RPM6937-V4
RPM6938-V4
RPM6940-V4
RPM6957-V4
Straight Type
RSIP-A3
5.5mm
Frequency
(kHz)
Height to lens
Product
No.
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
6.3
−10 to +75
−30 to +100
V
mA
2.5
Operating temperature
Storage temperature
Output Current
Topr
Tstg
Io
°C
°C
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
5.0
V
4.5
5.5


Similar Part No. - RPM6938

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM6938 ROHM-RPM6938 Datasheet
94Kb / 6P
Remote control photosensitive IC
RPM6938-V4 ROHM-RPM6938-V4 Datasheet
94Kb / 6P
Remote control photosensitive IC
More results

Similar Description - RPM6938

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
IR Receiver Module
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
IR Receiver Module
RPM7240-R ROHM-RPM7240-R Datasheet
148Kb / 7P
IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com