Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM6938 Datasheet(PDF) 4 Page - Rohm

Part # RPM6938
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6938 Datasheet(HTML) 4 Page - Rohm

  RPM6938 Datasheet HTML 1Page - Rohm RPM6938 Datasheet HTML 2Page - Rohm RPM6938 Datasheet HTML 3Page - Rohm RPM6938 Datasheet HTML 4Page - Rohm RPM6938 Datasheet HTML 5Page - Rohm RPM6938 Datasheet HTML 6Page - Rohm RPM6938 Datasheet HTML 7Page - Rohm RPM6938 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RPM6900 series
Photo Link Module
4/7
(4) Output signal
600
µs
TON
TOFF
VCC
GND
1/2 VCC
VH
VL
600
µs
Fig.5
Carrier frequency=f0
Carrier Duty=50%
Transmit signal
Output signal
(5) Measurement circuit for the output voltage and the consumption current
Fig.6
VCC
VH
ICC
ROUT
GND
A
V
RPM6933
VL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com