Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28811 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28811 Datasheet HTML 1Page - Texas Instruments UCC28811 Datasheet HTML 2Page - Texas Instruments UCC28811 Datasheet HTML 3Page - Texas Instruments UCC28811 Datasheet HTML 4Page - Texas Instruments UCC28811 Datasheet HTML 5Page - Texas Instruments UCC28811 Datasheet HTML 6Page - Texas Instruments UCC28811 Datasheet HTML 7Page - Texas Instruments UCC28811 Datasheet HTML 8Page - Texas Instruments UCC28811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
1
2
3
4
8
7
6
5
VDD
GDRV
GND
TZE
VSENSE
EAOUT
VINS
ISENSE
UCC28810
+
TriacDimming
Detect
LowPass
Filter
+
Bias
LED
Current
Sense
UDG-08120
Bias
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
LED LIGHTING POWER CONTROLLER
• AC Input General Lighting Applications Using
• Transition Mode Controller for Low
HB LEDs
Implementation Cost of AC Input LED Lighting
• Industrial, Commercial and Residential
Applications
Lighting Fixtures
• Implements Single Stage Power Factor
• Outdoor Lighting: Street, Roadway, Parking,
Corrected LED Driver
Construction and Ornamental LED Lighting
• Enhanced Transient Response With Slew-Rate
Fixtures
Comparator
• Interfaces with Traditional Wall Dimmers
• Accurate Internal V
REF for Tight Output
The UCC28810 and UCC28811 are general lighting
Regulation
power controllers for low to medium power lumens
• Two UVLO Options
applications requiring power factor correction and
EMC compliance. It is designed for controlling a
• Overvoltage Protection (OVP), Open-Feedback
flyback, buck or boost converter operating in critical
Protection and Enable Circuits
conduction mode. It features a transconductance
• ±750-mA Peak Gate Drive Current
voltage amplifier for feedback error processing, a
• Low Start-Up and Operating Currents
simple current reference generator for generating a
current command proportional to the input voltage, a
• Lead (Pb)-Free Packages
current-sense (PWM) comparator, PWM logic and a
totem-pole driver for driving an external FET.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28811 TI-UCC28811 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
UCC28811 TI1-UCC28811 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
UCC28811D TI-UCC28811D Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
UCC28811D TI1-UCC28811D Datasheet
436Kb / 17P
A 0.9-A Constant Current Supply with PFC for 100-W LED
UCC28811D TI1-UCC28811D Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
More results

Similar Description - UCC28811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
LED Lighting Power Controller
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com