Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28811 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28811 Datasheet HTML 1Page - Texas Instruments UCC28811 Datasheet HTML 2Page - Texas Instruments UCC28811 Datasheet HTML 3Page - Texas Instruments UCC28811 Datasheet HTML 4Page - Texas Instruments UCC28811 Datasheet HTML 5Page - Texas Instruments UCC28811 Datasheet HTML 6Page - Texas Instruments UCC28811 Datasheet HTML 7Page - Texas Instruments UCC28811 Datasheet HTML 8Page - Texas Instruments UCC28811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
In the critical conduction mode operation, the PWM circuit is self-oscillating with the turn-on being governed by a
transformer zero energy detector (TZE pin) and the turn-off being governed by the current sense comparator.
Additionally, the controller provides features such as peak current limit, restart timer, overvoltage protection
(OVP), and enable.
The efficient system performance is attained by incorporation of zero power detect function which allows the
controller output to shut down at light load conditions without running into overvoltage. The device also features
an innovative slew rate enhancement circuit which improves the large signal transient performance of the voltage
error amplifier. The low start-up and operating currents of the device result in low power consumption and ease
of start-up. The highly-accurate internal bandgap reference leads to tight regulation of the output voltage in
normal and OVP conditions, resulting in higher system reliability. The enable comparator ensures that the
controller is off if the feedback sense path is broken or if the input voltage is very low.
There are two key parametric differences between UCC28810 and UCC28811, the UVLO turn-on threshold and
the gM amplifier source current. The UVLO turn-on threshold of the UCC28810 is 15.8 V and for the UCC28811 it
is 12.5 V. The gM amplifier source current for UCC28810 is typically 1.3 mA, and for the UCC28811 it is 300µA.
The higher UVLO turn-on threshold of the UCC28810 allows quicker and easier start-up with a smaller VDD
capacitance while the lower UVLO turn-on threshold of UCC28811 allows operation of the critical conduction
mode controller to be easily controlled by the downstream PWM controller in two-stage power converters. The
UCC28810 gM amplifier also provides a full 1.3-mA typical source current for faster start-up and improved
transient response when the output is low either at start-up or during transient conditions. The UCC28811 is
suitable for applications such as street lights and larger area luminaires where a two-stage power conversion is
needed. The UCC28810 is suitable for applications such as commercial or residential retrofit luminaires where
there is no down-stream PWM conversion and the advantages of smaller VDD capacitor and improved transient
response can be realized.
Devices are available in the industrial temperature range of –40°C to 105°C. Package offering is an 8-pin SOIC
(D) package.
ORDERING INFORMATION(1)
UVLO THRESHOLD
gM AMPLIFIER
PIN
ORDERABLE
VOLTAGE (V)
TA = TJ
SOURCE CURRENT
PACKAGE
SUPPLY
COUNT
DEVICE NUMBER
(
µA)
ON
OFF
Tube of 80
UCC28810D
15.8
9.7
–1300
Reel of 2500
UCC28810DR
–40°C to 105°C
D
8
Tube of 80
UCC28811D
12.5
9.7
–300
Reel of 2500
UCC28811DR
(1)
D (SOIC-8) package is available taped and reeled. Add R suffix to device type (e.g. UCC28810DR) to order quantities of 2,500 devices
per reel.
VALUE
UNIT
VDD (Internally clamped)
20
Input voltage
VSENSE, VINS, ISENSE
5
V
Minimum input
VSENSE, VINS, ISENSE
–5
voltage
VDD
30
Input current
mA
TZE
±10
Output current
GDRV
±750
mA
Output voltage
GDRV
–5
V
Tstg
Storage temperature
–55 to 150
TJ
Operating temperature
–65 to 150
°C
Soldering temperature
300
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Exposure to conditions beyond the operational
limits for extended periods of time may affect device reliability. Currents are positive into, and negative out of the specified terminal.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com