Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 17Page - Texas Instruments UCC28811 Datasheet HTML 18Page - Texas Instruments UCC28811 Datasheet HTML 19Page - Texas Instruments UCC28811 Datasheet HTML 20Page - Texas Instruments UCC28811 Datasheet HTML 21Page - Texas Instruments UCC28811 Datasheet HTML 22Page - Texas Instruments UCC28811 Datasheet HTML 23Page - Texas Instruments UCC28811 Datasheet HTML 24Page - Texas Instruments UCC28811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
Current Error Amplifier, Soft-Start, and Voltage Limit Amplifier
Component U4A, shown in Figure 24, fulfills the function of current error amplifier in this application.. A fixed
threshold is set by R39 and R44 and the current on the sense resistor, as represented by the signal from the
triac dimmer detection circuit, is compared to this voltage by U4A. R47 sums in the PWM dimming signal from
the triac dimming comparator. The voltage divider formed by R37 and R48 provides a maximum output of 2.5 V,
and the transistor Q9 reduces the voltage at the non-inverting input of the TLV272 to regulate the current in the
LED string.
When the supply is starting up, C30 and C31 provide a soft start set by the divider resistance and capacitance
value. After the primary soft start charges up, this secondary closed-loop soft start takes control and prevents
overshoot of the supply at startup. The soft-start time provided by the secondary soft start should be longer than
the time it takes for the power stage to fully charge the output capacitors, so that overshoot does not occur.
The second comparator of the TLV272 component, shown as U4B in Figure 24, provides a voltage limit.
Because the voltage at the non-inverting input of the TLV272 cannot go higher than 2.5 V, U4B can provide an
effective maximum voltage limit by increasing the LED current in the optocoupler when the voltage is moving
through a range determined by R35, R38, and R42. The gain is set by R45, and C27 ensures stability on the
amplifier. The voltage limit amplifier is not an integrator, it has a fixed gain. Two integrators in series would cause
stability issues due to phase shift. R41 is provided as a provision for disconnecting the current error amplifier and
regulating output voltage if desired. R49 and Q9 could be depopulated, and R41 and C27 could be changed to
make a voltage error amplifier that is an integrator.
Figure 24. Current Error Amplifier, Soft-Start, and Voltage Limit Amplifier
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com