Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP1612PW05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 2Page - STMicroelectronics STP1612PW05 Datasheet HTML 3Page - STMicroelectronics STP1612PW05 Datasheet HTML 4Page - STMicroelectronics STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics STP1612PW05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Summary description
STP1612PW05
6/35
Doc ID 15819 Rev 4
2.1
Pin connection and description
Figure 2.
Pin connection
Note:
The exposed pad should be electrically connected to a metal land electrically isolated or
connected to ground
14
13
15
16
17
18
5
6
4
3
2
1
8
7
910 11 12
23
24
22 21 20 19
OUT4
OUT3
OUT2
OUT1
OUT0
LE
OUT13
OUT12
OUT11
OUT10
OUT14
OUT15
Table 4.
Pin description
Pin n°
Symbol
Name and function
1
GND
Ground terminal
2
SDI
Serial data input terminal
3CLK
Clock input terminal used to shift data on rising edge and carries
command information when LE is asserted.
4
LE
Data strobe terminal and controlling command with CLK
5-20
OUT 0-15
Output terminals
21
PWCLK
Gray scale clock terminal.
Reference clock for grey scale PWM counter.
22
SDO
Serial data out terminal
23
R-EXT
Input terminal of an external resistor for constant current programing
24
VDD
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com