Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP1612PW05 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics STP1612PW05 Datasheet HTML 10Page - STMicroelectronics STP1612PW05 Datasheet HTML 11Page - STMicroelectronics STP1612PW05 Datasheet HTML 12Page - STMicroelectronics STP1612PW05 Datasheet HTML 13Page - STMicroelectronics STP1612PW05 Datasheet HTML 14Page - STMicroelectronics STP1612PW05 Datasheet HTML 15Page - STMicroelectronics STP1612PW05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical characteristics
STP1612PW05
12/35
Doc ID 15819 Rev 4
Figure 4.
Test circuit for switching characteristics
Table 11.
Switching characteristics (VDD = 3.3 V)
Symbol
Characteristics
Conditions
Min.
Typ.
Max.
Unit
tSU0
Setup time
SDI - DCLK
↑
VDD = 3.3 V
VIH = VDD
VIL = GND
Rext = 460 Ω
VLED = 4.5 V
RL = 152 Ω
CL = 10 pF
C1 = 100 nF
C2 = 10
μF
1
ns
tSU1
LE
↑ – DCLK ↑
1
ns
tSU2
LE
↓ – DCLK ↑
5
ns
tH0
Hold time
CLK
↑ - SDI
3
ns
tH1
CLK
↑ - LE ↓
7
ns
tPD0
Propagation delay
time
CLK - SDO
45
40
ns
tPD1
PWCLK-OUTn4(1)
1.
Refer to the timing waveform Figure 4, where n = 0, 1, 2, 3.
120
ns
tPD2
LE – SDO(2)
2.
In timing of “read configuration” and “read error status code”, the next CLK rising edge should be tPD2 after
the falling edge of LE.
45
40
ns
tDL1
Stagger delay
time
OUTn4 + 1 (1)
40
ns
tDL2
OUTn4 + 2 (1)
80
ns
tDL3
OUTn4 +3 (1)
120
ns
tw(L)
Pulse width
LE
5
ns
tw(CLK)
CLK
20
ns
tw(PWCLK)
PWCLK
20
ns
tON
Output rise time of output ports
11.6
ns
tOFF
Output fall time of output ports
7
ns
tDEC
Error detection duration
0.5
1
μs
P W CLK
CLK
LE
DD
V
EXT
-
R
GND
SDO
OUT0
.
..
Generator
Function
DD
I
OUT
I
C
L
V
LED
waveform
input
Logic
SDI
OUT 15
1
C
2
C
V
IH,VIL
V
IH=VDD
VIL=GND
R
ext
R
L
R
L
C
L
C
L
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com