Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN02 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 4Page - Sharp Corporation LS013B4DN02 Datasheet HTML 5Page - Sharp Corporation LS013B4DN02 Datasheet HTML 6Page - Sharp Corporation LS013B4DN02 Datasheet HTML 7Page - Sharp Corporation LS013B4DN02 Datasheet HTML 8Page - Sharp Corporation LS013B4DN02 Datasheet HTML 9Page - Sharp Corporation LS013B4DN02 Datasheet HTML 10Page - Sharp Corporation LS013B4DN02 Datasheet HTML 11Page - Sharp Corporation LS013B4DN02 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
7
1. Outline
This TFT-LCD module is a reflective active matrix memory liquid crystal display module with CG silicone thin film
transistor. Module outline is indicated in fig 8-1.
2. Characteristics
・
Reflective panel of white and black with aspect ratio of 1:1
・
1.3” screen has 96x 96 resolusion. (9216 pixels stripe array)
・
Display control by serial data signal communication.
・
Arbitrary line data renewable.
・
1bit internal memory for data storage within the panel.
・
Thin, light-weight and compact module with monolithic technology.
・
Super low power consumption TFT panel.
3. Mechanical Specification
Table 3-1
Item
Specification
unit
Screen size
3.4 (1.3”)
cm
Viewing Area
24.192 (H) × 24.192 (V)
mm
Dot configuration
96 (H) ×
96 (V)
Dot
Dot pitch
0.252 (H) × 0.252 (V)
mm
Pixel Array
Stripe Array
-
Outline Dimension
28.2 (W) × 32.34 (H) × 1.40 (D)
mm
Mass
3.6 (TYP)
g
Surface Hardness
3H
Pencil hardness
(Note) Detail dimension and tolerance are shown in fig. 8-1
The FPC shape isn’t included in the outline dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com