Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN02 Datasheet(PDF) 17 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 13Page - Sharp Corporation LS013B4DN02 Datasheet HTML 14Page - Sharp Corporation LS013B4DN02 Datasheet HTML 15Page - Sharp Corporation LS013B4DN02 Datasheet HTML 16Page - Sharp Corporation LS013B4DN02 Datasheet HTML 17Page - Sharp Corporation LS013B4DN02 Datasheet HTML 18Page - Sharp Corporation LS013B4DN02 Datasheet HTML 19Page - Sharp Corporation LS013B4DN02 Datasheet HTML 20Page - Sharp Corporation LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
16
6-5-2 Data Update Mode (Multiple Lines)
Updates arbitrary multiple lines data. (M0=”H”、M2=”L”)
SCS
SI
DUMMY DATA(don't care)
SCLK
DUMMY DATA(don't care)
DUMMY DATA(don't care)
D95
DMY
AG6
AG5
AG4
AG0
AG1
D96
AG3
DMY
AG6
AG5
AG4
D94
D95
D1
D1
D2
D3
DMY
AG6
AG5
DMY
DMY
D2
AG1
D4
AG0
D93
D96
M0
M2
DMY
DMY
M1
DMY
D95
D96
D2
D94
D1
AG0
AG1
AG2
tsSI
thSI
tsSCS
GL1
Data transfer period
(96ck)
GL2
Mode selection period
(3ck+5ckDMY)
GL(n)th line
Data writing period
(96ck)
Data transfer period
(16ck)
GL(n-1)th Line
thSCS
twSCLKH
twSCLKL
twSCSL
twSCSH
twSCSH
Gate line address period
(7ck+1ckDMY)
Data transfer period
(8ck(Dymmy)+7ck(address)+1ck(Dummy)=16ck)
Data transfer period
(8ck(Dummy)+7ck(address)+1ck(Dummy)=16ck)
M0: Mode flag. Set for “H”. Data update mode (Memory internal data update)
When “L”, display mode (maintain memory internal data).
M1: Frame inversion flag.
When “H”, outputs VCOM=”H”, and when “L”, outputs VCOM=”L”.
When EXTMODE=”H”, it can be “H” or “L”.
M2: All clear flag.
Refer to 6-5-4) All Clear Mode to execute clear.
DUMMY DATA: Dummy data. It can be “H” or “L” (“L” is recommended.)
※
Data write period
Data is being stored in 1
st latch block of binary driver on panel.
※
Data transfer period
For example, during GL2nd line data transfer period, GL 2
nd line address is latched and GL1st
line data is transferred from 1
st latch to pixel internal memory circuit at the same time.
※
For gate line address setting, refer to 6-6) Input Signal and Display.
※
Input data continuously.
※
M1: Frame inversion flag is enabled when EXTMODE= L .
※
When SCS becomes L , M0 and M2 are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com