Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS013B4DN02 Datasheet(PDF) 27 Page - Sharp Corporation

Part # LS013B4DN02
Description  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 21Page - Sharp Corporation LS013B4DN02 Datasheet HTML 22Page - Sharp Corporation LS013B4DN02 Datasheet HTML 23Page - Sharp Corporation LS013B4DN02 Datasheet HTML 24Page - Sharp Corporation LS013B4DN02 Datasheet HTML 25Page - Sharp Corporation LS013B4DN02 Datasheet HTML 26Page - Sharp Corporation LS013B4DN02 Datasheet HTML 27Page - Sharp Corporation LS013B4DN02 Datasheet HTML 28Page - Sharp Corporation LS013B4DN02 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
26
11. Packaging
11-1) Serial number (Ink-jet print)
Will be indicated on serial number label as indicated in Figure 11-1 outline dimension figure.
Print structure
ABC
D
Model number
LS013B4DN02
9312AD00001FA
Display
side up
Back
side up
Serial number specifications
A:a single figure of the year
B:month(1,2....9,X,Y,Z)
C:day
D:serial number
Fig. 11-1 Serial number print position
11-2) Forwarding form
1) Piling number of cartons : Max 12
Package quality in a carton : 800pcs
2) Storage condition
・
Temperature: 0∼40℃
・
Humidity: 60%RH or lower (at 40℃)
There should be no condensation at low temperature and high humidity.
・
Atmosphere: No harmful gas, such as acid or alkali, which causes severe corrosion on
electronic parts and wiring, are to be detected.
・
Period: About 3 months
・
Opening the package: in order to prevent electrostatic damage to TFT modules, room
humidity should be made over 50%RH and take effective measure such as use of earth when
opening the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com