Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS89C430 Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor DS89C430 Datasheet HTML 24Page - Dallas Semiconductor DS89C430 Datasheet HTML 25Page - Dallas Semiconductor DS89C430 Datasheet HTML 26Page - Dallas Semiconductor DS89C430 Datasheet HTML 27Page - Dallas Semiconductor DS89C430 Datasheet HTML 28Page - Dallas Semiconductor DS89C430 Datasheet HTML 29Page - Dallas Semiconductor DS89C430 Datasheet HTML 30Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
26 of 46
External Memory
The DS89C430 executes external memory cycles for code fetches and read/writes of external program and data
memory. A nonpage external memory cycle is four times slower than the internal memory cycles (i.e., an external
memory cycle contains four system clocks). However, a page mode external memory cycle can be completed in
one, two, or four system clocks for a page hit and two, four, or eight system clocks for a page miss, depending on
user selection. The DS89C430 also supports a second page mode operation with a different external bus structure
that provides for fast external code fetches but uses four system clock cycles for data memory access.
External Program Memory Interface (Nonpage Mode)
Figure 7 shows the timing relationship for internal and external code fetches when CD1 and CD0 are set to 10b,
assuming the microcontroller is in nonpage mode for external fetches. Note that an external program fetch takes
four system clocks, and an internal program fetch requires only one system clock.
As illustrated in Figure 7, ALE is deasserted when executing an internal memory fetch. The DS89C430 provides a
programmable user option to turn on ALE during internal program memory operation. ALE is automatically enabled
for code fetch externally, independent of the setting of this option.
PSEN is only asserted for external code fetches, and is inactive during internal execution.
Figure 7. External Program Memory Access (Nonpage Mode, CD1:CD0 = 10)
Internal Memory Cycles
C2
C3
C4
C1
C2
C3
C4
XTAL1
ALE
Port 0
Port 2
PSEN
C1
External Memory Cycle
External Memory Cycle
MSB Add
MSB Add
LSB Add
Data
LSB Add
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com