| Electronic Components Datasheet Search |
|
DS89C430 Datasheet(PDF) 30 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS89C430 Datasheet(HTML) 30 Page - Dallas Semiconductor |
|
30 / 46 page ![]() DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers 30 of 46 Figure 10. Page Mode 1, External Memory Cycle (CD1:CD0 = 10) Internal Memory Cycles XTAL1 ALE Port 0 Port 2 Data Data Inst MSB MSB MSB MSB MSB LSB LSB LSB LSB LSB LSB Inst Inst External Memory Cycles Page Miss Page Hit Page Miss Data Access Data Access PAGES=00 ALE PSEN MOVX Inst Data Page Miss Page Miss Data Access Page Hit MSBAdd LSB Add LSB Add MSBAdd MSBAdd LSB Add PAGES=01 Port 0 Port 2 MSBAdd LSB Add LSB Add Inst Data Port 2 Port 0 PSEN ALE Page Miss Data Access RD/WR RD/WR PAGES=10 RD/WR MOVX MOVX LSB PSEN MOVX executed MOVX executed MOVX executed next instruction During a page miss, P2 drives the Addr [8:15] of the 16-bit address and holds it for the duration of the first half of the memory cycle to allow the external address latches to latch the new most significant address byte. ALE is asserted to strobe the external address latches. During this operation, PSEN, RD, and WR are held in inactive states and P0 is in a high-impedance state. The following half-memory cycle is executed as a page hit cycle and the appropriate operation takes place. A page miss can occur at set intervals or during external operations that require a memory access into a page of memory that has not been accessed during the last external cycle. Generally, the first external memory access causes a page miss. The new page address is stored internally and is used to detect a page miss for the current external memory cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |