Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS89C430 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 38Page - Dallas Semiconductor DS89C430 Datasheet HTML 39Page - Dallas Semiconductor DS89C430 Datasheet HTML 40Page - Dallas Semiconductor DS89C430 Datasheet HTML 41Page - Dallas Semiconductor DS89C430 Datasheet HTML 42Page - Dallas Semiconductor DS89C430 Datasheet HTML 43Page - Dallas Semiconductor DS89C430 Datasheet HTML 44Page - Dallas Semiconductor DS89C430 Datasheet HTML 45Page - Dallas Semiconductor DS89C430 Datasheet HTML 46Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
DS89C430/DS89C450 Ultra-High-Speed Flash Microcontrollers
42 of 46
Serial ports and timers track the oscillator cycles per machine cycle when the higher divide ratio of 1024 is
selected, and require the switchback function to automatically return to the divide-by-1 mode for proper operation
when a qualified event occurs. Table 14 summarizes the effect of clock mode on timer operation.
It is possible to enable a receive function on a serial port when incoming data is not present and then change to the
higher divide ratio. An inactive serial port receive/transmission mode requires the receive input pin to remain high
and all outgoing transmissions to be completed. During this inactive receive mode it is possible to change the
clock-divide control bits from a divide by 1 to a 1024 divide ratio. In the case when the serial port is being used to
receive or transmit data, it is very important to validate an attempted change in the clock-divide control bits (read
CD1 and CD0 to verify write was allowed) before proceeding with low-power program functions.
Table 14. Effect of Clock Mode on Timer Operation (In Number of Oscillator Clocks)
OSC CYCLES PER
TIMERS 0, 1, 2 CLOCK
OSC CYCLES PER
TIMER 2 CLOCK
TxMH,TxM
=
BAUD RATE
GENERATION
OSC CYCLES PER
SERIAL PORT CLOCK
MODE 0
OSC CYCLES PER
SERIAL PORT CLOCK
MODE 2
4X/
2X, CD1,
CD0
OSC CYCLES
PER MACHINE
CYCLE
00
01
1x
T2MH,T2M = xx
SM2 = 0
SM2 = 1
SMOD = 0
SMOD = 1
100
0.25
12
1
0.25
2
3
1
64
32
000
0.5
12
2
0.5
2
6
2
64
32
x01
1 (reserved)
x10
1 (default)
12
4
1
2
12
4
64
32
x11
1024
12,288
4096
1024
2048
12,288
4096
65,536
32,768
x = Don’t care.
Ring Oscillator
When the system is in stop mode the crystal is disabled. When stop mode is removed, the crystal requires a period
of time to start up and stabilize. To allow the system to begin immediate execution of software following the
removal of the stop mode, the ring oscillator is used to supply a system clock until the crystal startup time is
satisfied. Once this time has passed, the ring oscillator is switched off and the system clock is switched to the
crystal oscillator. This function is programmable and is enabled by setting the RGSL bit (EXIF.1) to logic 1. When it
is logic 0, the processor delays software execution until after the 65,536 crystal clock periods. To allow the
processor to know whether it is being clocked by the ring or by the crystal oscillator, an additional bit—RGMD—
indicates which clock source is being used. When the processor is running from the ring, the clock-divide control
bits (CD1 and CD0 in the PMR register) are locked into the divide-by-1 mode (CD1:CD0 = 10b). The clock-divide
control bits cannot be changed from this state until after the system clock transitions to the crystal oscillator
(RGMD = 0).
Note: The watchdog is connected to the crystal oscillator and continues to run at the external clock rate. The ring
oscillator does not drive it.
Idle Mode
Idle mode suspends the processor by holding the program counter in a static state. No instructions are fetched and
no processing occurs. Setting the IDLE bit (PCON.0) to logic 1 invokes idle mode. The instruction that executes
this step is the last instruction prior to freezing the program counter. Once in idle mode, all resources are
preserved, but all peripheral clocks remain active and the timers, watchdog, serial ports, and power monitor
functions continue to operate, so that the processor can exit the idle mode using any interrupt sources that are
enabled. The oscillator-detect circuit also continues to function when enabled. The IDLE bit is cleared automatically
once the idle mode is exited. On returning from the interrupt vector using the RETI instruction, the next address is
the one that immediately follows the instruction that invoked the idle mode. Any reset of the processor also
removes the idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com