Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ2997GD Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2997GD
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2997GD Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ2997GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DDR Termination Regulator
TJ2997
Apr, 2011 - R1.0.1
10/13
HTC
FIGURE 4. SSTL-2 Implementation with higher voltage rails
DDR-II APPLICATIONS
With the separate VDDQ pin and an internal resistor divider it is possible to use the TJ2997 in
applications utilizing DDR-II memory.
Figure 3 and Figure 4 show several implementations of
recommended circuits. Figure 3 shows the recommended circuit configuration for DDR-II applications.
The output stage is connected to the 1.8V rail and the AVIN pin can be connected to either a 3.3V or 5V
rail.
FIGURE 5. Recommended DDR-II Termination
If it is not desirable to use the 1.8V rail it is possible to connect the output stage to a 3.3V rail. Care
should be taken to do not exceed the maximum junction temperature as the thermal dissipation
increases with lower VTT output voltages. For this reason it is not recommended to power PVIN off a rail
higher than the nominal 3.3V. The advantage of this configuration is that it has the ability to source and
sink a higher maximum continuous current.
FIGURE 6. DDR-II Termination with higher voltage rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com