Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS480 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
Table 2: SB_SRC Frequency Selection Table
Byte 0
Bit0
Bit3
Bit2
Bit1
Bit0
SS_EN
SB
FS3
SB
FS2
SB
FS1
SB
FS0
0
000080.00
-20%
0
000181.25
-19%
0
001082.63
-17%
0
001184.00
-16%
0
010085.25
-15%
0
010186.63
-13%
0
011088.00
-12%
0
011189.25
-11%
0
100090.63
-9%
0
100192.00
-8%
0
101093.25
-7%
0
101194.63
-5%
0
110096.00
-4%
0
110197.25
-3%
0
111098.63
-1%
0
1111
100.00
0%
1
000080.00
20%
1
000181.25
-19%
1
001082.63
-17%
1
001184.00
-16%
1
010085.25
-15%
1
010186.63
-13%
1
011088.00
-12%
1
011189.25
-11%
1
100090.63
-9%
1
100192.00
-8%
1
101093.25
-7%
1
101194.63
-5%
1
110096.00
-4%
1
110197.25
-3%
1
111098.63
-1%
1
1111
100.00
0%
SRC
(MHz)
Spread
%
Byte 4
-0.50%
SB_SRC
OverClock %
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com