Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS480 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
Table3: 27Mhz_Spread and Frequency Selection Table
SS3
SS2
SS1
SS0
Byte 4
bit 7
Byte 4
bit 6
Byte 4
bit 5
Byte 4
bit 4
000
00
27.00
000
01
27.00
000
10
27.00
000
11
27.00
001
00
27.00
001
01
27.00
001
10
27.00
001
11
27.00
010
00
27.00
010
01
27.00
010
10
27.00
010
11
27.00
011
00
27.00
011
01
27.00
011
10
27.00
011
11
27.00
100
00
27.00
-0.50
Down
100
01
27.00
-1.00
Down
100
10
27.00
-1.50
Down
100
11
27.00
-2.00
Down
101
00
27.00
-0.75
Down
101
01
27.00
-1.25
Down
101
10
27.00
-1.75
Down
101
11
27.00
-2.25
Down
1
1
0
0
0
27.00
+/-0.25
Center
1
1
0
0
1
27.00
+/-0.5
Center
1
1
0
1
0
27.00
+/-0.75
Center
1
1
0
1
1
27.00
+/-1.0
Center
1
1
1
0
0
27.00
+/-0.25
Center
1
1
1
0
1
27.00
+/-0.5
Center
1
1
1
1
0
27.00
+/-0.75
Center
1
1
1
1
1
27.00
+/-1.0
Center
SS Enable
B2b1
27MHz_Spread
(MHz)
No Spread
Spread
% (when enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com