Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC682LP6CE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC682LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC682LP6CE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC682LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
9
9 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Outline Drawing
Absolute Maximum Ratings
rF / iF input (vcc= +5v)
+15 dBm
Lo Drive (vcc= +5v)
+6 dBm
vcc (Lo or iF)
5.5v
channel temperature
12.5°c
continuous Pdiss (t = 85°c)
(derate 110.53 mw/°c above 85°c)
4.42 w
thermal resistance
(channel to ground paddle)
9.05 °c/w
storage temperature
-65 to 150°c
operating temperature
-40 to +85 °c
eLectrostAtic sensitive Device
oBserve HAnDLinG PrecAUtions
notes:
1. LeADFrAme mAteriAL: coPPer ALLoY
2. Dimensions Are in incHes [miLLimeters]
3. LeAD sPAcinG toLerAnce is non-cUmULAtive.
4. PAD BUrr LenGtH sHALL Be 0.15mm mAximUm.
PAD BUrr HeiGHt sHALL Be 0.05mm mAximUm.
5. PAcKAGe wArP sHALL not exceeD 0.05mm.
6. ALL GroUnD LeADs AnD GroUnD PADDLe mUst Be
soLDereD to PcB rF GroUnD.
7. reFer to Hittite APPLicAtion note For sUGGesteD
LAnD PAttern.
Part number
Package Body material
Lead Finish
msL rating
Package marking [3]
Hmc682LP6c
Low stress injection molded Plastic
sn/Pb solder
msL1
[1]
H682
xxxx
Hmc682LP6ce
roHs-compliant Low stress injection molded Plastic
100% matte sn
msL1
[2]
H682
xxxx
[1] max peak reflow temperature of 235 °c
[2] max peak reflow temperature of 260 °c
[3] 4-Digit lot number xxxx
Package Information
HMC682LP6C / 682LP6CE
v00.0308
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com