Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC682LP6CE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC682LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC682LP6CE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC682LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9
9 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC682LP6C / 682LP6CE
v00.0308
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
Pin number
Function
Description
interface schematic
1, 10
rF1, rF2
these are the rF inputs of the mixers. see application
circuit for the off-chip matching components
2, 9
tAP1, tAP2
these are the center taps of the internal rF baluns.
connect these pins to the Ac ground via external
capacitors. see application circuit.
3, 5, 8, 15,
16, 22, 23,
26 - 29, 36, 35
GnD
these pins must be connected to rF ground.
4, 7
BiAs1, BiAs2
Bias pins for mixer cores. see
application circuit for the nominal value.
6, 17, 18,
24, 33, 34
vcc1, vcc_BAL2,
vcc_AmP2,
vcc2, vcc_AmP1,
vcc_BAL1
Power supply voltage pins. see application
circuit for required external components.
11, 20, 31, 40
n/c
no connection required. these pins may be connected
to rF GnD without affecting performance.
12, 39
inD1, inD2
current source inductors for iF amplifiers.
13, 14,
38, 37
iF2P, iF2n,
iF1P, iF1n
Differential iF outputs and Dc BiAs for iF Amps.
19, 32
BiAs_ADJ1,
BiAs_ADJ2
Adjusts Lo buffer amplifies current via
external resistor. see application circuit.
21, 30
Lo2, Lo1
these are Lo inputs of the mixers. see application
circuit for off-chip matching components.
25
Lo_seL
control voltage for Lo1 or Lo2 selection. Lo1 is
selected when Lo seL is set low. Lo2 is selected when
Lo seL is set high. see application circuit and truth
table for low and high voltage levels.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com