Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC682LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC682LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC682LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC682LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC682LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
9
9 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC682LP6C / 682LP6CE
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
v00.0308
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25 °C, IF = 200 MHz, LO = 0 dBm
Vcc1, 2 = Vcc_BAL1, 2 = Vcc_AMP1, 2 [1] = Vcc_IF1P, N = Vcc_IF2P, N = +5V, BIAS1, 2 = +2.5V
Typical Applications
Parameter
min.
typ.
max.
Units
Frequency range, rF
1.7 - 2.2
GHz
Frequency range, Lo
1.4 - 2.0
GHz
Frequency range, iF
0.06 - 0.40
GHz
conversion Gain
4
6
dB
noise Figure (ssB)
12
dB
Lo to rF isolation
17
25
dB
Lo to iF isolation
15
22
dB
rF to iF isolation
15
30
dB
iP3 (input)
25
dBm
1 dB compression (input)
15
dBm
channel to channel isolation
55
dB
Lo Drive input Level (typical)
-3 to +3
dBm
supply current (icc)
450
550
mA
[1] see application circuit
[2] Unless otherwise noted all measurements with low side Lo & iF = 200 mHz.
the Hmc682LP6c(e) is ideal for:
• cellular/3G & Lte/wimAx/4G
• Basestations & repeaters
• Gsm, cDmA & oFDm
• Dual Density receivers
the Hmc682LP6c(e) is a high linearity, dual channel
downconverter with integrated Lo amplifier in a 6x6
smt QFn package covering 1.7 - 2.2 GHz. excellent
input iP3 performance of +25 dBm for down conversion
is provided for 3G & 4G Gsm/cDmA applications at
an Lo drive of 0 dBm. with an input 1 dB compression
of +15 dBm, the rF port will accept a wide range of
input signal levels. conversion gain is 6 dB typical.
the 60 - 400 mHz iF frequency response will satisfy
various Gsm/cDmA receive frequency plans.
High input iP3: +25 dBm
conversion Gain: 6 dB
Low Lo Drive: 0 dBm
High channel isolation
40 Lead 6x6mm smt Package: 36mm2


Similar Part No. - HMC682LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
Analog Devices
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4E HITTITE-HMC680LP4E Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4E HITTITE-HMC680LP4E Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
More results

Similar Description - HMC682LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com