Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC705LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC705LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 6
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
Absolute Maximum Ratings
rF input (vcc= +5v)
+13 dBm
supply voltage (vcc)
+5.5v
Logic inputs
-0.5v to (0.5v + vcc)
Junction temperature (tc)
135 °c
continuous Pdiss (t = 85 °c)
(derate 49 mW/° c above 85 °c)
2.4 W
thermal resistance
(Junction to ground paddle)
20.5 °c/W
storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
Typical Supply Current vs. Vcc
vcc (v)
icc (mA)
4.75
180
5.00
190
5.25
210
note: HMc705LP4e will work over full voltage range above.
eLectrostAtic sensitive Device
oBserve HAnDLinG PrecAutions
Outline Drawing
Part number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMc705LP4
Low stress injection Molded Plastic
sn/Pb solder
MsL1
[1]
H705
XXXX
HMc705LP4e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
H705
XXXX
[1] Max peak reflow temperature of 235 °c
[2] Max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information
notes:
1. LeADFrAMe MAteriAL: coPPer ALLoy
2. DiMensions Are in incHes [MiLLiMeters].
3. LeAD sPAcinG toLerAnce is non-cuMuLAtive
4. PAD Burr LenGtH sHALL Be 0.15mm MAXiMuM.
PAD Burr HeiGHt sHALL Be 0.05mm MAXiMuM.
5. PAcKAGe WArP sHALL not eXceeD 0.05mm.
6. ALL GrounD LeADs AnD GrounD PADDLe Must
Be soLDereD to PcB rF GrounD.
7. reFer to Hittite APPLicAtion note For suGGesteD
PcB LAnD PAttern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com