Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC705LP4 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 10
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
Evaluation PCB
List of Materials for
Evaluation PCB 116993 [1]
item
Description
J1 - J4
PcB Mount sMA connector
J5
14 Position Header
J6
4 Position Header
r1
10K ohm resistor network, Bissel sMD
c1, c2
1000 pF capacitor, 0402 Pkg.
c3 - c5
100 pF capacitor, 0402 Pkg.
c6 - c8
1000 pF capacitor, 0603 Pkg.
c9
4.7 μF tantalum capacitor, case A
u1
HMc705LP4(e) Programmable Divider
PcB [2]
116991 eval Board
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board Material: rogers 4350
the circuit board used in the application should use
rF circuit design techniques. signal lines should have
50 ohm impedance while the package ground leads
and backside ground paddle should be connected
directly to the ground plane similar to that shown. A
sufficient number of via holes should be used to con-
nect the top and bottom ground planes. the evalua-
tion circuit board shown is available from Hittite upon
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com