Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC705LP4 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 12
CMOS/TTL Input Characteristics
Maximum input Logic “0” voltage (v
iL MAXiMuM) = 1.1v @ 1 µA.
Minimum input Logic “1” voltage (v
iH MiniMuM) = 1.8v @ 50 µA.
input iv characteristics for the logic inputs (s0, n0 - n2, Divi, ByP) are shown below:
-0.1
0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
Input Voltage (V)
V
IL MAX
V
IH MIN
Typical Application Showing Spurious Performance
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com